Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology LTC3370 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
LTC3372
18
Rev. A
For more information www.analog.com
OPERATION
The LTC3372 is a single IC that combines a high voltage
(HV) buck (step-down) DC/DC switching regulator con-
troller and a total of four configurable low voltage (LV)
buck regulators.
Main Control Loop of HV Buck Controller
TheHVcontrollerusesaconstantfrequency,currentmode
buck (step-down) architecture. During normal operation,
the external top MOSFET is turned on when the clock sets
the RS latch, and is turned off when the main current
comparator, ICMP, resets the RS latch. The peak inductor
current at which ICMP trips and resets the latch is con-
trolled by the voltage on the ITH pin, which is the output
of the error amplifier, EA. The error amplifier compares
an internal 1.2V reference voltage to the feedback voltage
generated by an internal resistor divider connected to the
VOUT/EXTVCC pin. The divider can be selected to program
an output of either 3.3V to 5V. When the load current
increases, it causes a slight decrease in VFB relative to
the reference, which causes the EA to increase the ITH
voltage until the average inductor current matches the
new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFET is turned on until either the beginning of the next
clock cycle, or the inductor current starts to reverse, as
indicated by the reverse current comparator IREV (at light
load in pulse-skipping mode or Burst Mode).
INTVCC Power
Power for the top and bottom MOSFET drivers and some
otherinternalcircuitryisderivedfromtheINTVCCpin.When
the VOUT/EXTVCC pin is tied to a voltage less than 4.7V,
the VIN LDO (low dropout linear regulator) supplies 5.1V
from VIN to INTVCC. If VOUT/EXTVCC is taken above 4.7V,
the VIN LDO is turned off and an internal PMOS switch
connects VOUT/EXTVCCtoINTVCC.UsingtheVOUT/EXTVCC
pin allows the INTVCC power to be derived from the high
efficiency HV buck regulator output.
ThetopMOSFETdriverisbiasedfromthefloatingbootstrap
capacitor, CB, which normally recharges during each cycle
throughanexternaldiode,DB,whenthetopMOSFETturns
off. If the input voltage, VIN, decreases to a voltage close
to VOUT, the loop may enter dropout and attempt to turn
on the top MOSFET continuously. The dropout detector
detects this and forces the top MOSFET off for a short
time every tenth cycle to allow CB to recharge, resulting
in an effective duty cycle of 98%.
Shutdown and Start-Up (RUN, TRACK/SS Pins)
Ittypicallytakes1.2msfortheinternalbiascircuits(includ-
ing INTVCC) to be ready after the first time either the RUN
pin or any of the EN1-4 pins rises above 730mV. During
the 1ms internal bias circuit startup time, neither the HV
or LV regulators are enabled. The HV controller is enabled
when the RUN pin is pulled above 1.2V and the internal
bias is enabled. Pulling RUN pin below 1.16V disables
the HV controller.
The RUN pin has an internal 0.5μA current that pulls up
the pin to enable the HV controller. Alternatively, the RUN
pin may be externally pulled up or driven by logic. The
RUN pin can tolerate up to 65V (absolute maximum), so
it can be conveniently tied to VIN in an always-on applica-
tion in which the controller is enabled continuously and
never shut down.
The RUN pin can also be used as an undervoltage lockout
(UVLO) by connecting it to the midpoint of an external re-
sistordividernetworkofVIN(seeApplicationsInformation
section).
The start-up of the controller’s output voltage VOUT is
controlled by the voltage on the TRACK/SS pin. When the
voltage on the TRACK/SS pin is less than the 1.2V internal
reference,theHVcontrollerregulatestheVFBvoltagetothe
TRACK/SS pin voltage instead of the 1.2V reference. This
allowstheTRACK/SSpintobeusedtoprogramasoft-start
by connecting an external capacitor from the TRACK/SS
pin to GND. An internal 10μA pull-up current charges this
capacitorcreatingavoltagerampontheTRACK/SSpin.As
the TRACK/SS voltage rises linearly from 0V to 1.2V and
beyond, the output voltage VOUT rises smoothly from zero
to its final value. Alternatively the TRACK/SS pin can be
used to cause the start-up of VOUT to track that of another
supply. Typically, this requires connecting to the TRACK/
SS pin an external resistor divider from the other supply
to ground (see the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com