Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 23Page - Linear Technology LTC3370 Datasheet HTML 24Page - Linear Technology LTC3370 Datasheet HTML 25Page - Linear Technology LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology LTC3370 Datasheet HTML 28Page - Linear Technology LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LTC3372
27
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
CIN and COUT Selection
The selection of CIN is usually based off the worst-case
RMSinputcurrent.Thehighest(VOUT)(IOUT)productneeds
to be used in the formula to determine the maximum RMS
capacitor current requirement.
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximumRMScurrentmustbeused.ThemaximumRMS
capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
(VOUT)(VIN − VOUT)
[
]
1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that capacitor manufacturers’
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the capaci-
tor, or to choose a capacitor rated at a higher temperature
than size or height requirements in the design. Due to the
high operating frequency, ceramic capacitors can also be
used for CIN. Always consult the manufacturer if there is
any question.
A small (0.1µF to 1µF) bypass capacitor between the
chip VIN pin and ground, placed close to the IC, is also
suggested. A small (<10Ω) resistor placed between CIN
(C1) and the VIN pin provides further isolation.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (VOUT) is approximated by:
ΔVOUT ≈ ΔIL ESR +
1
8 • f • COUT
⎛
⎝
⎜
⎞
⎠
⎟
where f is the operating frequency, COUT is the output
capacitance and ∆IL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ∆IL increases with input voltage.
Setting Output Voltage (HV Controller)
The HV controller output voltage is set by the VOUTPRG
pin through an internal resistor voltage divider. When
the VOUTPRG pin is tied to INTVCC, the output voltage is
regulated to 5V. When tied to ground, the output voltage
is regulated to 3.3V.
RUN Pin
The HV controller is enabled using the RUN pin. It has a
rising threshold of 1.2V with 50mV of hysteresis. Pulling
the RUN pin below 1.15V shuts down the main control
loop.Pullingitbelow0.7Vdisablesthecontrollerandmost
internal circuits, including the INTVCC LDOs.
Releasing the RUN pin allows a 0.5μA internal current to
pull up the pin to enable the controller. The RUN pin may
be externally pulled up to up to 60V (65V Abs Max).
The RUN pin can be implemented as a UVLO by connect-
ing it to the output of an external resistor divider network
off VIN, as shown in Figure 4.
TherisingandfallingUVLOthresholdsarecalculatedusing
the RUN pin thresholds:
VUVLO(RISING) = 1.2V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
VUVLO(FALLING) = 1.15V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
The resistor values should be carefully chosen such that
the absolute maximum ratings of the RUN pin do not get
violated over the entire VIN voltage range.
LTC3372
RUN
VIN
RB
RA
3372 F04
Figure 4. Using the RUN Pin as a UVLO
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com