Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 119Page - STMicroelectronics STM32WB55CC Datasheet HTML 120Page - STMicroelectronics STM32WB55CC Datasheet HTML 121Page - STMicroelectronics STM32WB55CC Datasheet HTML 122Page - STMicroelectronics STM32WB55CC Datasheet HTML 123Page - STMicroelectronics STM32WB55CC Datasheet HTML 124Page - STMicroelectronics STM32WB55CC Datasheet HTML 125Page - STMicroelectronics STM32WB55CC Datasheet HTML 126Page - STMicroelectronics STM32WB55CC Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 165 page
background image
DS11929 Rev 3
123/165
STM32WB55xx
Electrical characteristics
152
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Table 70.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 22: General
operating conditions.
Table 69. Output voltage characteristics(1)
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified
in Table 18: Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports
and control pins) must always respect the absolute maximum ratings Σ IIO.
Symbol
Parameter
Conditions
Min
Max Unit
VOL(2)
2. Guaranteed by design.
Output low level voltage for an I/O pin
CMOS port(3)
|IIO| = 8 mA
VDD ≥ 2.7 V
3. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(2)
Output high level voltage for an I/O pin
VDD - 0.4
-
VOL(2)
Output low level voltage for an I/O pin
TTL port(3)
|IIO| = 8 mA
VDD ≥ 2.7 V
-0.4
VOH(2)
Output high level voltage for an I/O pin
2.4
-
VOL(2)
Output low level voltage for an I/O pin
|IIO| = 20 mA
VDD ≥ 2.7 V
-1.3
VOH(2)
Output high level voltage for an I/O pin
VDD - 1.3
-
VOL(2)
Output low level voltage for an I/O pin
|IIO| = 4 mA
VDD ≥ 1.62 V
-0.4
VOH(2)
Output high level voltage for an I/O pin
VDD - 0.45
-
VOLFM+(2)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with “f” option)
|IIO| = 20 mA
VDD ≥ 2.7 V
-0.4
|IIO| = 10 mA
VDD ≥ 1.62 V
-0.4
|IIO| = 2 mA
1.62 V ≥ VDD ≥ 1.08 V
-0.4
Table 70. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
5
MHz
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
1
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
10
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
1.5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
25
ns
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
52
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
17
C=10 pF, 1.62 V ≤ VDD ≤ ≤2.7 V
-
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com