Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 123Page - STMicroelectronics STM32WB55CC Datasheet HTML 124Page - STMicroelectronics STM32WB55CC Datasheet HTML 125Page - STMicroelectronics STM32WB55CC Datasheet HTML 126Page - STMicroelectronics STM32WB55CC Datasheet HTML 127Page - STMicroelectronics STM32WB55CC Datasheet HTML 128Page - STMicroelectronics STM32WB55CC Datasheet HTML 129Page - STMicroelectronics STM32WB55CC Datasheet HTML 130Page - STMicroelectronics STM32WB55CC Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 165 page
background image
DS11929 Rev 3
127/165
STM32WB55xx
Electrical characteristics
152
6.3.20
Analog-to-Digital converter characteristics
Unless otherwise specified, the parameters given in Table 73 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 22: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 73. ADC characteristics(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference
voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA
V
VREF-
Negative reference
voltage
-VSSA
V
fADC
ADC clock frequency
Range 1
-
-
64
MHz
Range 2
-
-
16
fs
Sampling rate
for FAST channels
Resolution = 12 bits
-
-
4.26
Msps
Resolution = 10 bits
-
-
4.92
Resolution = 8 bits
-
-
5.81
Resolution = 6 bits
-
-
7.11
Sampling rate
for SLOW channels
Resolution = 12 bits
-
-
TBD
Resolution = 10 bits
-
-
TBD
Resolution = 8 bits
-
-
TBD
Resolution = 6 bits
-
-
TBD
fTRIG
External trigger
frequency
fADC = 64 MHz
Resolution = 12 bits
--
4.26
MHz
Resolution = 12 bits
-
-
15
1/fADC
VCMIN
Input common mode
Differential mode
(VREF++
VREF-) / 2
- 0.18
(VREF++
VREF-) / 2
(VREF++
VREF-) / 2
+ 0.18
V
VAIN (4)
Conversion voltage
range(2)
-0
-
VREF+
V
RAIN
External input
impedance
--
-
50
kΩ
CADC
Internal sample and hold
capacitor
--
5
-
pF
tSTAB
Power-up time
-
1
Conversion
cycle
tCAL
Calibration time
fADC = 64 MHz
1.8125
µs
-
116
1 / fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com