Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 126Page - STMicroelectronics STM32WB55CC Datasheet HTML 127Page - STMicroelectronics STM32WB55CC Datasheet HTML 128Page - STMicroelectronics STM32WB55CC Datasheet HTML 129Page - STMicroelectronics STM32WB55CC Datasheet HTML 130Page - STMicroelectronics STM32WB55CC Datasheet HTML 131Page - STMicroelectronics STM32WB55CC Datasheet HTML 132Page - STMicroelectronics STM32WB55CC Datasheet HTML 133Page - STMicroelectronics STM32WB55CC Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 165 page
background image
Electrical characteristics
STM32WB55xx
130/165
DS11929 Rev 3
2. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4V). It is disabled when VDDA ≥ 2.4 V.
3. Fast channels are PC0, PC1, PC2, PC3, PA0, PA1.
4. Slow channels are all ADC inputs except the fast channels.
Table 75. ADC accuracy - Limited test conditions 1(1)(2)(3)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
ET
Total
unadjusted
error
Single
ended
Fast channel (max speed)
TBD TBD TBD
LSB
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
EO
Offset error
Single
ended
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
EG
Gain error
Single
ended
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com