Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 130Page - STMicroelectronics STM32WB55CC Datasheet HTML 131Page - STMicroelectronics STM32WB55CC Datasheet HTML 132Page - STMicroelectronics STM32WB55CC Datasheet HTML 133Page - STMicroelectronics STM32WB55CC Datasheet HTML 134Page - STMicroelectronics STM32WB55CC Datasheet HTML 135Page - STMicroelectronics STM32WB55CC Datasheet HTML 136Page - STMicroelectronics STM32WB55CC Datasheet HTML 137Page - STMicroelectronics STM32WB55CC Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 165 page
background image
Electrical characteristics
STM32WB55xx
134/165
DS11929 Rev 3
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
TBD TBD TBD
LSB
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed)
TBD TBD TBD
bits
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed)
TBD TBD TBD
dB
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
THD
Total
harmonic
distortion
Single
ended
Fast channel (max speed)
TBD TBD TBD
dB
Slow channel (max speed)
TBD TBD TBD
Differential
Fast channel (max speed)
TBD TBD TBD
Slow channel (max speed)
TBD TBD TBD
1. Guaranteed by design.
2. ADC DC accuracy values are measured after internal calibration.
3. Injecting negative current on any analog input pin should be avoided as this significantly reduces the accuracy of the
conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to analog
pins that may potentially inject negative current.
4. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4 V). It is disabled when VDDA ≥ 2.4 V. No oversampling.
Table 77. ADC accuracy - Limited test conditions 3(1)(2)(3) (continued)
Symbol Parameter
Conditions(4)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com