Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 3Page - Linear Technology LTC4244IGN Datasheet HTML 4Page - Linear Technology LTC4244IGN Datasheet HTML 5Page - Linear Technology LTC4244IGN Datasheet HTML 6Page - Linear Technology LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology LTC4244IGN Datasheet HTML 10Page - Linear Technology LTC4244IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC4244/LTC4244-1
42441f
PI FU CTIO S
12VIN (Pin 1): 12V Supply Input. A 0.5Ω switch is con-
nected between 12VIN and 12VOUT with a foldback current
limit. An undervoltage lockout circuit prevents the switches
from turning on while the 12VIN pin voltage is less than 9V.
12VIN also provides power to the LTC4244’s internal VCC
node.
VEEIN (Pin 2): –12V Supply Input. A 1Ω switch is con-
nected between VEEIN and VEEOUT with a foldback current
limit. An undervoltage lockout circuit prevents the switches
from turning on while the VEEIN pin voltage is greater than
–9.25V. The VEEIN undervoltage lockout function is dis-
abled for the LTC4244-1.
5VOUT (Pin 3): 5V Output Sense. The PWRGD pin will not
pull low until the 5VOUT pin voltage exceeds 4.61V. A 200Ω
active pull-down discharges 5VOUT to ground when the
power switches are turned off.
TIMER (Pin 4): Current Fault Inhibit Timing Input and
Auxiliary VCC. Connect a capacitor from TIMER to GND.
When the LTC4244 is turned on, a 21
µA pull-up current
source is connected to TIMER. Current limit faults will be
ignored until the voltage at the TIMER pin rises to within
1.6V of 12VIN. After the TIMER pin has completed ramp-
ing up, the TIMER capacitor serves as an auxiliary charge
reservoir for VCC in the event the 12VIN pin voltage
momentarily drops below the undervoltage lockout thresh-
old voltage. When the LTC4244 is turned off (OFF/ON >
2V), the TIMER pin is pulled down to GND. After the TIMER
pin voltage drops to within 0.8V of GND, the TIMER latch
is reset and the part is ready for another power cycle.
OFF/ON (Pin 5): Digital Input. Connect the CPCI BD_SEL#
signal to the OFF/ON pin. When the OFF/ON pin is pulled
low, the GATE pin is pulled high by a 67
µA current source
and the internal 12V and –12V switches are turned on.
When the OFF/ON pin is pulled high, the GATE pin will be
pulled to ground by a 60
µAcurrentsourceandthe12Vand
–12V switches turn off.
FAULT (Pin 6): Open-Drain Digital I/O. FAULT is pulled low
when a current limit fault is detected. Current limit faults
are ignored until the voltage at the TIMER pin is within 1.6V
of 12VIN. Once the TIMER cycle is complete, FAULT will
pull low and the LTC4244 latches off in the event of an
overcurrent fault. The part will remain in the latched off
state until the OFF/ON pin is cycled high then low. Forcing
the FAULT pin low with an external pull-down will cause
the part to latch into the off state after a 25
µs deglitching
time.
PWRGD (Pin 7): Open-Drain Digital Power Good Output.
Connect the CPCI HEALTHY# signal to the PWRGD pin.
PWRGD remains low while V12VOUT ≥ 11.1V, V3.3VOUT ≥
2.9V, V5VOUT ≥ 4.61V, and VEEOUT ≤ –11.1V. When any of
the supplies falls below its power good threshold voltage,
PWRGD will go high after a 14
µs deglitching time.
GND (Pin 8): Device Ground.
RESETIN (Pin 9):Digital Input. Connect the CPCI PCI_RST#
signal to the RESETIN pin. Pulling the RESETIN pin low will
cause RESETOUT to pull low. RESETOUT will also pull low
when PWRGD is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com