Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology LTC4244IGN Datasheet HTML 25Page - Linear Technology LTC4244IGN Datasheet HTML 26Page - Linear Technology LTC4244IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC4244/LTC4244-1
42441f
the PC board. For 1 ounce copper foil plating, a general rule
is 1 ampere of DC current per via making sure the via is
properly dimensioned so that solder completely fills the
void. For other plating thicknesses, check with your PCB
fabrication facility.
Design Example
As a design example, consider a CPCI Hot Swap applica-
tion with the following power supply requirements:
Table 4. Design Example Power Supply Requirements
VOLTAGE
MAXIMUM DC
LOAD
SUPPLY
SUPPLY CURRENT
CAPACITANCE
12V
450mA
100
µF
5V
5A
2200
µF
3.3V
7A
2200
µF
–12V
100mA
100
µF
The first step is to select the appropriate values of RSENSE
for the 5V and 3.3V supplies. Calculating the value of
RSENSE is based on ILOAD(MAX) and the lower limit for the
circuit breaker threshold voltage (47mV for both the 5V
and 3.3V circuit breakers). If a 1% tolerance is assumed
for the sense resistors, then 5m
Ω and 7mΩ resistor
values yield the following minimum and maximum ITRIP
values:
Table 5. ITRIP vs RSENSE
RSENSE (1% RTOL)
ITRIP(MIN)
ITRIP(MAX)
5m
Ω
9.3A
11.5A
7m
Ω
6.6A
8.2A
So sense resistor values of 7m
Ω and 5mΩ should suffice
for the 5V and 3.3V supplies, respectively.
The second step is to select MOSFETs for the 5V and 3.3V
supplies. The IRF7457’s on resistance is less than 10.5m
Ω
for VGS > 4.5V and a junction temperature of 25°C. Since
the maximum load current requirement for the 3.3V sup-
ply is 7A, the steady-state power the device may be
required to dissipate is 514mW. The IRF7457 has a
junction-to-ambient thermal resistance of 50
°C/Watt. If a
maximum ambient temperature of 50
°C is assumed, this
yields a junction temperature of 75.7
°C. According to the
IRF7457’s Normalized On-Resistance vs Junction Tem-
perature curve, the device’s on-resistance can be expected
to increase by about 20% over its room temperature value.
Recalculation of the steady-state values of RON and junc-
tion temperature yields approximately 12.6m
Ω and 81°C,
respectively. The I • R drop across the 3.3V sense resistor
and series MOSFET at maximum load current under these
conditions will be less than 124mV.
The next step is to select appropriate values for C1 and
CTIMER. Assuming that the total current for the 5V supply
is constrained to less than 6A during power-up (6
× 5V
medium length connector pins at 1A per pin), then the
inrush current shouldn’t exceed:
IINRUSH < 6A – ILOAD(5VOUT) = 6A – 5A = 1A
(12)
This yields:
C
IF
I
C
AF
A
nF
GATE MAX
INRUSH MAX
1
2200
1
100
2200
1
220
>
µ
⇒>
µµ =
()
()
•
•
(13)
Hence a C1 value of 330nF
±10% should suffice. The value
of CTIMER for this design example will be constrained by
the duration of the 12V supply inrush current, which
according to Equation 2 is:
t
CV
II
t
FV
mA
mA
ms
ON
VOUT
LOAD
LIMIT MIN
LOAD MAX
ON
VOUT
()
()
(
)
()
••
–
••
–
12
12
212
2 100
12
550
450
24
<
⇒<
µ
=
(14)
In order to guarantee that the LTC4244’s TIMER fault
inhibit period is greater than 24ms, the value of CTIMER
should be:
C
ms I
VV
C
ms
A
VV
nF
TIMER
TIMER MAX
TIMER MAX
TIMER
>
⇒>
µ =
24
12
24
26
12
1 9
61 8
•
–
•
–.
.
()
()
(15)
So a value of 82nF (
±10%) should suffice.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com