Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC4244/LTC4244-1
42441f
Calculating RSENSE
Determining the most appropriate value for the sense
resistor first requires knowing the maximum current needed
by the load under worst-case conditions. Two other pa-
rameters affect the value of the sense resistor. First is the
tolerance of the LTC4244’s circuit breaker threshold volt-
age. The LTC4244’s nominal circuit breaker threshold
voltage is VCB(NOM) = 52mV; however it exhibits ±5mV
tolerance over process and temperature. Second is the
tolerance (RTOL) of the sense resistor. Sense resistors are
available in RTOL’s of
±1%, ±2% and ±5% and exhibit
temperature coefficients of resistance (TCR’s) between
±75ppm/°C and ±100ppm/°C. How the sense resistor
changes as a function of temperature depends on the
I2 • R power being dissipated by it. The power rating of the
sense resistor should accommodate steady-state fault
current levels so that the component is not damaged
before the circuit breaker trips.
Table 2 lists ITRIP(MIN) and ITRIP(MAX) versus some sug-
gested values of RSENSE. Table 7 lists manufacturers and
part numbers for these resistor values.
Table 2. ITRIP vs RSENSE
RSENSE (1% RTOL)
ITRIP(MIN)
ITRIP(MAX)
0.005
Ω
9.31A
11.5A
0.007
Ω
6.6A
8.2A
0.011
Ω
4.2A
5.2A
Output Voltage Monitor
The status of all four output voltages is monitored by the
power good function. In addition, the PCI_RST# signal is
logically combined on-chip with the HEALTHY# signal to
create LOCAL_PCI_RST# (see Table 3). As a result,
LOCAL_PCI_RST# will be pulled low whenever HEALTHY#
is pulled high independent of the state of the PCI_RST#
signal.
If any of the output voltages drop below the power good
threshold for more than 14
µs, the PWRGD pin will be
pulled high and the LOCAL_PCI_RST# signal will be
asserted low.
Table 3. LOCAL_PCI_RST# Truth Table
PCI_RST#
HEALTHY#
LOCAL_PCI_RST#
LO
LO
LO
LO
HI
LO
HI
LO
HI
HI
HI
LO
Precharge
The PRECHARGE input and DRIVE output pins are in-
tended for use in generating the 1V precharge voltage that
is used to bias the bus I/O connector pins during board
insertion and extraction. The LTC4244 is also capable of
generating precharge voltages other than 1V. Figure 7
shows a circuit that can be used in applications requiring
a precharge voltage of less than 1V. The circuit in Figure 8
can be used for applications that need precharge voltages
greater than 1V.
Precharge resistors are used to connect the 1V bias volt-
age to the I/O lines with minimal disturbance. Figure 1
shows the precharge application circuit for 5V signaling.
The precharge resistor requirements are more stringent
for 3.3V and Universal Hot Swap boards. If the total leak-
age current on the I/O line is less 2
µA, then a 50k resistor
can be connected directly from the 1V bias voltage to the
I/O line. However, many ICs connected to the I/O lines can
have leakage currents up to 10
µA. For these applications,
a 10k resistor is used but must be disconnected when the
board is seated as determined by the state of the BD_SEL#
signal. Figure 9 shows a precharge circuit that uses a bus
switch to connect the individual 10k precharge resistors to
the LTC4244’s 1V PRECHARGE pin. The electrical connec-
tion is made (bus switches closed) when the voltage on the
BD_SEL# pin of the plug-in card is pulled-up to 5VIN,
which occurs just after the long pins have made contact.
The bus switches are electrically disconnected when the
short, BD_SEL# connector pin makes contact and the
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com