Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC4244/LTC4244-1
42441f
Power MOSFET Selection Criteria
The LTC4244 uses external MOSFETs to limit the 5V and
3.3V supply currents. The following criteria should be
used when selecting these MOSFET’s:
1. The on resistance should be low enough to prevent an
excessive voltage drop across the sense resistor and
the series MOSFET at rated load current given the
amount of gate to source voltage provided by the
LTC4244.
2. The drain-to-source breakdown voltage should be high
enough for the device to survive overvoltage transients
that may occur during fault conditions (the 5V and 3.3V
transient voltage limiters shown in Figure 1 will limit the
maximum drain-source voltage seen by these MOSFET’s
during fault conditions).
3. The MOSFET package must be able to handle the
maximum, steady state power dissipation for the ON
state without exceeding the device’s rated maximum
junction temperature. The MOSFET’s steady-state, dis-
sipated power can be expressed as:
PON = IMAX2 • RDS(ON)
(8)
The increase in steady-state junction-to-ambient tem-
perature is given by:
TJ – TA = PON • RθJA
(9)
4. The MOSFET package must be able to dissipate the heat
resulting from the power pulse during the transition
from off to on. A worst-case approximation for the
magnitude of the power pulse is:
P
VI
I
OUT
INRUSH
LOAD
OFF-ON <
+
()
n
•
2
(10)
where
nVOUT = 5VOUT or 3.3VOUT, IINRUSH is the tran-
sient current initially charging the load capacitance and
ILOAD is the steady-state load current. The duration, tON,
of the power pulse can be expressed as:
t
CV
I
ON
LOAD
OUT
INRUSH
=
•
(11)
APPLICATIO S I FOR ATIO
5. The MOSFET package must be able to sustain the
maximum pulse power that occurs in the event the
LTC4244 attempts to power-up either the 5V or 3.3V
back-end supply into a short circuit (see Design Ex-
ample for a sample calculation).
Table 8 lists some power MOSFET’s that can be used with
the LTC4244.
Input Overvoltage Transient Protection
Hot plugging a board into a backplane generates inrush
currents from the backplane power supplies due to the
charging of the plug-in board capacitance. To reduce this
transient current to a safe level, the CPCI Hot Swap
specification restricts the amount of unswitched capaci-
tance used on the input side of the plug-in board. Each
medium or long power pin connected to the CPCI female
connector on the plug-in board is required to have a 10nF
ceramic bypass capacitor to ground. Bulk capacitors are
only allowed on the switched output side of the LTC4244
(5VOUT, 3.3VOUT, 12VOUT, VEEOUT). Some bulk capaci-
tance is allowed on the 5VIN and 3.3VIN Early Power
planes, but only because a current limiting resistor is
assumed to decouple the connector pin from the bulk
capacitance. Circuits normally placed on the unswitched
side Early Power plane (PCI Bridge, for example) need to
to be decoupled by a current limiting resistor.
Disallowing bulk capacitors on the input power pins miti-
gates the inrush current during Hot Swap. However, it also
tends to create a resonant circuit formed by the inductance
of the backplane power supply trace in series with the
inductance of the connector pin and the parasitic capaci-
tance of the plug-in board (mainly due to the large power
FET). Upon board insertion, the ringing of this circuit can
exhibit a peak overshoot of 2.5 times the steady-state
voltage (>30V for 12VIN).
There are two methods for abating the effects of these high
voltage transients: using voltage limiters to clip the tran-
sient to a safe level and snubber networks. Snubber
networks are series RC networks whose time constants



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com