Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC4244/LTC4244-1
42441f
immediately to its ILIMIT value. If that supply remains in
current limit for more than 25
µs, all of the supplies will be
latched off. The 25
µs prevents quick current spikes—for
example, from a fan turning on—from causing false trips
of the circuit breaker.
After power-up, the 5V and 3.3V supplies are protected
from short circuits by dual-level circuit breakers. In the
event that either supply’s current exceeds the nominal
current limit, an internal timer is started. If the supply is
still overcurrent after 25
µs, the circuit breaker trips and all
the supplies are turned off (Figure 5). An analog current
limit loop prevents the supply current from exceeding 3
×
the nominal current limit in the event of a short circuit
(Figure 6). The LTC4244 will stay in the latched off state
until the OFF/ON pin is cycled high then low or the 12VIN
power supply is cycled low then high.
The current limit and the foldback current level for the 5V
and 3.3V outputs are both a function of the external sense
resistor. As shown in Figure 1, a sense resistor is con-
nected between 5VIN and 5VSENSE for the 5V supply. For
the 3.3V supply, a sense resistor is connected between
3.3VIN and 3.3VSENSE. The typical current limit and the
foldback current levels are given by Equations 6 and 7:
I
mV
R
LIMIT VOUT
SENSE VOUT
()
()
n
n
=
51
(6)
I
mV
R
FOLDBACK VOUT
SENSE VOUT
()
()
n
n
=
16
(7)
where
nVOUT = 5VOUT or 3.3VOUT.
The current limit for the internal 12V switch is set at
850mA folding back to 360mA and the –12V switch at
610mA folding back to 225mA.
APPLICATIO S I FOR ATIO
GATE
20V/DIV
5VOUT
10V/DIV
FAULT
5V/DIV
TIMER
20V/DIV
5VIN – 5VSENSE
100mV/DIV
10
µs/DIV
4244 F05
Figure 5. Overcurrent Fault on 5V Output
GATE
20V/DIV
3.3VOUT
5V/DIV
FAULT
5V/DIV
TIMER
20V/DIV
3VIN – 3VSENSE
500mV/DIV
10
µs/DIV
4244 F06
Figure 6. Short-Circuit Fault on 3.3V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com