Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology LTC4244IGN Datasheet HTML 25Page - Linear Technology LTC4244IGN Datasheet HTML 26Page - Linear Technology LTC4244IGN Datasheet HTML 27Page - Linear Technology LTC4244IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC4244/LTC4244-1
42441f
APPLICATIO S I FOR ATIO
Table 7. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R055F
0.055
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R055
Vishay Dale
2A
LR120601R028F
0.028
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R028
Vishay Dale
5A
LR120601R011F
0.011
Ω, 0.5W, 1% Resistor
IRC-TT
WSL2010R011
Vishay Dale
7.6A
WSL2512R007
0.007
Ω, 1W, 1% Resistor
Vishay Dale
10A
WSL2512R005
0.005
Ω, 1W, 1% Resistor
Vishay Dale
Table 8. N-Channel Power MOSFET Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
0A to 2A
MMDF3N02HD
Dual N-Channel SO-8, RDS(ON) = 0.1Ω
ON Semiconductor
2A to 5A
MMSF5N02HD
Single N-Channel SO-8, RDS(ON) = 0.025Ω
ON Semiconductor
5A to 10A
MTB50N06V
Single N-Channel DD-Pak, RDS(ON) = 0.028Ω
ON Semiconductor
5A to 10A
IRF7457
Single N-Channel SO-8, RDS(ON) = 0.007Ω
International Rectifier
5A to 10A
Si7880DP
Single N-Channel PowerPAK
TM, RDS(ON) = 0.003 Ω Vishay Siliconix
PowerPAK is a trademark of Vishay Siliconix
Table 9. Manufacturers’ Web Site
MANUFACTURER
WEB SITE
International Rectifier
www.irf.com
ON Semiconductor
www.onsemi.com
IRC-TT
www.irctt.com
Vishay Dale
www.vishay.com
Vishay Siliconix
www.vishay.com
Diodes, Inc.
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com