Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 5Page - Linear Technology LTC4244IGN Datasheet HTML 6Page - Linear Technology LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology LTC4244IGN Datasheet HTML 10Page - Linear Technology LTC4244IGN Datasheet HTML 11Page - Linear Technology LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC4244/LTC4244-1
42441f
3.3VIN (Pin 17): 3.3V Supply Sense Input. An undervolt-
age lockout circuit prevents the switches from turning on
when the voltage at the 3.3VIN pin is less than 2.5V. If no
3.3V input supply is available, short the 3.3VIN pin to the
5VIN pin.
3.3VOUT (Pin 18): Analog Input Used to Monitor the 3.3V
Output Supply Voltage. The PWRGD pin cannot pull low
until the 3.3VOUT pin voltage exceeds 2.9V. If no 3.3V input
supply is available, tie the 3.3VOUT pin to the 5VOUT pin. A
200
Ω active pull-down discharges 3.3VOUT to ground
when the power switches are turned off.
PI FU CTIO S
VEEOUT (Pin 19): -12V Supply Output. A 1Ω switch is
connected between VEEIN and VEEOUT. VEEOUT must be less
than –11.1V before the PWRGD pin pulls low. The VEEOUT
power good comparator is disabled for the LTC4244-1. A
390
Ω active pull-up discharges VEEOUT to ground when
the power switches are turned off.
12VOUT (Pin 20): 12V Supply Output. A 0.5Ω switch is
connected between 12VIN and 12VOUT. 12VOUT must
exceed 11.1V before the PWRGD pin can pull low. A 440
Ω
active pull-down discharges 12VOUT to ground when the
power switches are turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com