Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology LTC4244IGN Datasheet HTML 25Page - Linear Technology LTC4244IGN Datasheet HTML 26Page - Linear Technology LTC4244IGN Datasheet HTML 27Page - Linear Technology LTC4244IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC4244/LTC4244-1
42441f
The IRF7457’s Thermal Response vs Pulse Duration curve
indicates that the worst-case increase in junction-to-
ambient temperature during a power-cycle for the 3.3V
MOSFET is less than 96
°C while the worst-case increase
in junction-to-ambient temperature for the 5V MOSFET is
less than 88
°C.
Power MOSFET and Sense Resistor Selection
Tables 7 and 8 list current sense resistors and power
MOSFET transistors, respectively, that can be used with
the LTC4244’s circuit breakers. Table 9 lists supplier web
site addresses for discrete components mentioned
throughout the LTC4244 data sheet.
Obtaining Information on Specific Parts
For more information or to request a copy of the
CompactPCI specification, contact the PCI Industrial Com-
puter Manufacturers Group at:
PCI Industrial Computer Manufacturers Group
Wakefield, MA 01880 USA
Phone: 01 (718) 224-1239
Web Site: http://www.picmg.com
Transient Voltage Suppressors SMAJ12A and SMAJ5.0A
are supplied by:
Diodes, Incorporated
Westlake Village, CA 91362 USA
Phone: 01 (805) 446-4800
Web Site: http://www.vishay.com or
http://www.diodes.com
Transistors MMBT2222A and MMBT3906 are supplied
by:
ON Semiconductor
Phoenix, AZ 85008 USA
Phone: 01 (602) 244-6600
Web Site: http://www.onsemi.com
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com