Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC4244/LTC4244-1
42441f
APPLICATIO S I FOR ATIO
BD_SEL# voltage drops below 4.4V thus causing the bus
switch OE to be pulled high by Q2.
The CompactPCI specification assumes that there is a
diode to 3.3V on the circuit that is driving the BD_SEL# pin.
The 1.2k resistor pull-up to 5VIN on the plug-in card will be
clamped by the diode to 3.3V. If the BD_SEL# pin is being
driven high, the actual voltage on the pin will be approxi-
mately 3.9V. This is still above the high TTL threshold of
the LTC4244 OFF/ON pin, but low enough for Q2 to disable
the bus switches and thus disconnect the 10k precharge
resistors from the I/O lines. Since the power to the bus
switch is derived from a front-end power plane, a 100
Ω
resistor should be placed in series with the power supply
of the bus switch.
When the plug-in card is removed from the connector, the
BD_SEL# connection is broken first, and the BD_SEL#
voltage pulls up to 5VIN. This causes Q2 to turn off, which
re-enables the bus switch, and the precharge resistors are
again connected to the LTC4244 PRECHARGE pin for the
remainder of the extraction process.
TIMER/Auxiliary VCC
Once the TIMER pin voltage has ramped to within 1.6V of
12VIN, the auxiliary VCC function is enabled. In the event
the 12VIN supply voltage collapses, the LTC4244 will
continue to draw power from the charge stored on the
TIMER pin capacitor until the internal VCC node drops
below its undervoltage lockout threshold or the 12VIN
supply voltage recovers, whichever happens first.
Other CompactPCI Applications
The LTC4244-1 is designed for CompactPCI designs
where the –12V supply is not being used on the plug-in
board. The VEEOUT power good comparator, VEEIN UVL,
and VEE circuit breaker functions are disabled. The VEEIN
pin should be connected to GND and the VEEOUT pin left
floating if a –12V output is not needed.
If no 3.3V supply input is required, Figure 10 illustrates
how the LTC4244 should be configured: 3.3VSENSE and
3.3VIN are connected to 5VIN and 3.3VOUT is connected to
5VOUT.
For applications where the BD_SEL# connector pin is
typically connected to ground on the backplane, the circuit
in Figure 11 allows the LTC4244 to be reset simply by
pressing a pushbutton switch on the CPCI plug in board.
This arrangement eliminates the requirement to extract
and reinsert the CPCI board in order to reset the LTC4244’s
circuit breaker.
C1
0.33
µF
5VIN
13
17
16
18
3
15
14
8
R4
10
Ω
5VOUT
4244 F10
R5
1k
R2
0.007
Ω
Q2
IRF7457
Z4
Z4: SMAJ5.0A
*ADDITIONAL PINS OMITTED FOR CLARITY
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
5V
LONG 5V
GROUND
GND
5VIN
5VSENSE
3.3VOUT
3.3VIN
LTC4244*
5VOUT
3.3VSENSE
GATE
Figure 10. No 3.3V Supply Application Circuit
8
1.2k
PUSHBUTTON
SWITICH
100
Ω
0.25W
V(I/O)
1k
GROUND
5
BD_SEL#
4244 F11
*ADDITIONAL PINS OMITTED FOR CLARITY
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
GND
LTC4244*
OFF/ON
Figure 11. BD_SEL# Pushbutton Toggle Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com