Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology LTC4244IGN Datasheet HTML 10Page - Linear Technology LTC4244IGN Datasheet HTML 11Page - Linear Technology LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC4244/LTC4244-1
42441f
APPLICATIO S I FOR ATIO
Hot Circuit Insertion
When a circuit board is inserted into a live CompactPCI
(CPCI) bus, the supply bypass capacitors can draw huge
inrush currents from the CPCI power bus as they charge
up. These transient currents can create glitches on the
power bus, causing other boards in the system to reset.
The LTC4244 is designed to turn a board’s back-end
supply voltages on and off in a controlled manner, allow-
ing the board to be safely inserted or removed from a live
CPCI connector without glitching the system power sup-
plies. It also protects the system supplies from shorts,
precharges the bus I/O connector pins during hot insertion
and extraction, and monitors the supply voltages.
The LTC4244 is specifically designed for CPCI applica-
tions where the Hot Swap controller resides on the plug-
in board.
LTC4244 Feature Summary
• Allows safe insertion and removal from a CPCI back-
plane.
• Controls all four CPCI supplies: -12V, 12V, 3.3V and 5V.
• Adjustable foldback current limit for the 5V and 3.3V
supplies: an adjustable analog current limit with a value
that depends on the output voltage. If the output is
shorted to ground the current limit drops to keep power
dissipation and supply glitches to a minimum.
• 12V and –12V circuit breakers: if either supply remains
in analog foldback current limit for more than 25
µs, the
circuit breakers will trip, the supplies are turned off and
the FAULT pin is pulled low.
• Adjustable 5V and 3.3V circuit breakers: if either supply
exceeds its current limit for more than 25
µs, the circuit
breaker will trip, the supplies will be turned off and the
FAULT pin is asserted low. In the event of a short circuit
on either supply, an analog current limit will prevent the
supply current from exceeding three times the circuit
breaker threshold current.
• Current limit during power up: the supplies are allowed
to power up in current limit. This allows the LTC4244 to
power up boards with widely varying capacitive loads
without tripping the circuit breaker. The maximum
allowable power-up time is adjustable using the TIMER
pin capacitor.
• Internal 12V and –12V power switches.
• PWRGD output: monitors the voltage status of the four
back-end supply voltages.
• PCI_RST# combined on chip with HEALTHY# to create
LOCAL_PCI_RST# output. Simply connect the
PCI_RST# signal to the RESETIN pin and the
LOCAL_PCI_RST# signal to the open-drain RESETOUT
pin.
• Precharge output: on-chip reference and error amplifier
provide 1V for biasing bus I/O connector pins during
CPCI card insertion and extraction.
• TIMER/AUX. VCC: After power-up, the TIMER pin ca-
pacitor serves as auxiliary VCC, thus enabling the
LTC4244 to ride out large voltage spikes on the 12VIN
supply without interruption.
• Undervoltage lockout: All four input voltages are pro-
tected by undervoltage lockouts.
• Space saving 20-pin SSOP package.
LTC4244 vs LTC1644
The LTC4244 is pin-for-pin compatible with the LTC1644.
There are, however, some important differences between
the two parts:
• TIMER: The LTC4244’s TIMER pin threshold voltage is
1.6V below V12VIN vs 1V for the LTC1644. After power-
up, the LTC4244’s TIMER pin also doubles as auxiliary
VCC.
•VEEIN UVL: The LTC4244 has a –9.5V UVL threshold
protecting the VEEIN supply. The LTC1644 has no VEEIN
UVL feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com