Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC4244IGN Datasheet HTML 1Page - Linear Technology LTC4244IGN Datasheet HTML 2Page - Linear Technology LTC4244IGN Datasheet HTML 3Page - Linear Technology LTC4244IGN Datasheet HTML 4Page - Linear Technology LTC4244IGN Datasheet HTML 5Page - Linear Technology LTC4244IGN Datasheet HTML 6Page - Linear Technology LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC4244/LTC4244-1
42441f
GN PACKAGE
20-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
12VIN
VEEIN
5VOUT
TIMER
OFF/ON
FAULT
PWRGD
GND
RESETIN
RESETOUT
12VOUT
VEEOUT
3.3VOUT
3.3VIN
3.3VSENSE
GATE
5VSENSE
5VIN
PRECHARGE
DRIVE
(Notes 1, 2, 3)
Supply Voltages
12VIN ................................................................ 14.4V
VEEIN .............................................................. –14.4V
Input Voltages (OFF/ON, RESETIN) ........– 0.3V to 13.5V
Output Voltages (FAULT, PWRGD, RESETOUT)
...........................................................– 0.3V to 13.5V
Analog Voltages and Currents
5VOUT, DRIVE, 5VIN, 3.3VSENSE, 3.3VIN, 3.3VOUT, 5VSENSE
...........................................................– 0.3V to 13.5V
PRECHARGE, GATE .......................................
±20mA
VEEOUT ................................................ –14.4V to 0.3V
TIMER, 12VOUT ...........................................– 0.3V to 14.4V
Operation Temperature Range
LTC4244C/LTC4244C-1 ........................... 0
°C to 70°C
LTC4244I/LTC4244I-1 ........................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC4244CGN
LTC4244CGN-1
LTC4244IGN
LTC4244IGN-1
TJMAX = 140°C, θJA = 135°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDD
V12VIN Supply Current
OFF/ON = 0V
q
410
mA
VLKO
Undervoltage Lockout
12VIN, Ramping Down
q
8
9
10
V
5VIN, Ramping Down
q
4
4.25
4.5
V
3.3VIN, Ramping Down
q
2.25
2.5
2.75
V
VEEIN, Ramping Up (LTC4244 Only)
q
–8.25
–9.25
–10.25
V
TIMER, Ramping Down, V12VIN = 6V
q
8.25
9.25
10.25
V
VFB
Foldback Current Limit Voltage
VFB = (V5VIN – V5VSENSE), V5VOUT = 0V, TIMER = 0V
q
11
16
21
mV
VFB = (V5VIN – V5VSENSE), V5VOUT = 3V, TIMER = 0V
q
46
51
56
mV
VFB = (V3.3VIN – V3.3VSENSE), V3.3VOUT = 0V, TIMER = 0V
q
11
16
21
mV
VFB = (V3.3VIN – V3.3VSENSE), V3.3VOUT = 2V, TIMER = 0V
q
46
51
56
mV
VCB
Circuit Breaker Trip Voltage
VCB = (V5VIN – V5VSENSE), TIMER = FLOAT
q
45
52
57
mV
VCB = (V3.3VIN – V3.3VSENSE), TIMER = FLOAT
q
45
52
57
mV
tOC
Overcurrent Fault Response Time (V5VIN – V5VSENSE) = 100mV, TIMER = FLOAT
q
17
25
35
µs
(V3.3VIN – V3.3VSENSE) = 100mV, TIMER = FLOAT
q
17
25
35
µs
IGATE(UP)
GATE Pin Output Current
OFF/ON = 0V, VGATE = 2V, TIMER = 0V
q
–20
–67
–100
µA
IGATE(DN)
VGATE = 5V, OFF/ON = 4V
q
20
60
100
µA
IGATE(FAULT)
OFF/ON = 0V, VGATE = 2V, TIMER = FLOAT, FAULT = 0V
q
4
8
16
mA
∆VGATE
External Gate Voltage
∆VGATE = (V12VIN – VGATE), IGATE = –1µA
q
0.6
1
V
∆V12V
Internal Switch Voltage Drop
∆V12V = (V12VIN – V12VOUT), I = 500mA
q
225
600
mV
∆VVEE
∆VVEE = (VEEOUT – VEEIN), IEE = 100mA
q
110
250
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VEEIN = –12V, V3.3VIN = 3.3V, V5VIN = 5V, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com