Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology LTC4244IGN Datasheet HTML 25Page - Linear Technology LTC4244IGN Datasheet HTML 26Page - Linear Technology LTC4244IGN Datasheet HTML 27Page - Linear Technology LTC4244IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC4244/LTC4244-1
42441f
OUTPUT VOLTAGE (V)
0
15
20
25
4
4244 F16
10
5
0
1
2
3
5
5V MOSFET
5V RSENSE = 0.007Ω
3.3V RSENSE = 0.005Ω
3.3V MOSFET
Figure 16. Worst-Case 5V and 3.3V MOSFET
Dissipated Power vs Output Voltage
The next step is to verify that the thermal ratings of the
external 5V and 3.3V MOSFETs aren’t being exceeded
during power-up cycles into the designed loads or into a
short circuit.
The amount of heating in the 5V and 3.3V MOSFETs during
a normal power cycle depends on the LTC4244’s GATE pin
current (refer to Gate Current vs Temperature plot in the
Typical Performance Characteristics section). The magni-
tude of the off-on power pulse that results in maximum
heating of the MOSFETs is given by Equation 10 as:
P
VI
I
OUT
INRUSH MIN
LOAD VOUT
OFF-ON =
+
()
n
n
•
()
(
)
2
(16)
where
I
C
C MAX
I
INRUSH MIN
LOAD
GATE MIN
()
()
()
•
=
1
(17)
The duration of the power-pulse is given by Equation 11
as:
t
CV
I
INRUSH
LOAD
OUT
INRUSH MIN
<
•
()
n
(18)
Solving these equations for the 5V and 3.3V supplies
yields:
Table 6
POFF-ON
tINRUSH(MAX)
5V MOSFET
12.8W
90ms
3.3V MOSFET
11.8W
60ms
Under these conditions, the IRF7457 datasheet’s Thermal
Response vs Pulse Duration curve indicates that the
junction-to-ambient temperature will increase by 60
°C for
the 5V MOSFET and 46
°C for the 3.3V MOSFET.
The duration and magnitude of the power pulse that
results during a short-circuit condition on either the 5V or
3.3V outputs are a function of the TIMER capacitor and the
LTC4244’s foldback current limit. Figure 16 shows the
worst-case power dissipated in the 5V and 3.3V external
FETs vs V5VOUT and V3.3VOUT, respectively. In the case of
the 3.3V external MOSFET, the maximum dissipated power
is 24 Watts (V3.3VOUT= 0.9V). For the 5V external MOSFET,
the maximum dissipated power is 22 Watts (V5VOUT =
1.75V). The maximum duration of the short-circuit power-
pulse is given by Equation 19 as:
tC
VV
I
t
nF
nF
V
V
A
tms
PULSE
TIMER MAX
TIMER MIN
TIMER MIN
PULSE
PULSE
<
⇒<
+
() (
)
µ
⇒<
()
()
()
•
–
.•
– .
.
12
82
8 2
12
1 3
16
60 3
(19)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com