Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology LTC4244IGN Datasheet HTML 23Page - Linear Technology LTC4244IGN Datasheet HTML 24Page - Linear Technology LTC4244IGN Datasheet HTML 25Page - Linear Technology LTC4244IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC4244/LTC4244-1
42441f
PCB Layout Considerations
For proper operation of the LTC4244’s circuit breaker,
4-wire Kelvin sense connections between the sense resis-
tor and the LTC4244’s 5VIN and 5VSENSE pins and 3.3VIN
and 3.3VSENSE pins are strongly recommended. The PCB
layout should be balanced and symmetrical to minimize
wiring errors. In addition, the PCB layout for the sense
resistors and the power MOSFETs should include good
thermal management techniques for optimal device power
dissipation. A recommended PCB layout for the sense
resistor, the power MOSFET and the GATE drive compo-
nents around the LTC4244 is illustrated in Figure 15. In Hot
APPLICATIO S I FOR ATIO
Swap applications where load currents can be 10A, nar-
row PCB tracks exhibit more resistance than wider tracks
and operate at more elevated temperatures. Since the
sheet resistance of 1 ounce copper foil is approximately
0.45m
Ω/ , track resistance and voltage drops add up
quickly in high current applications. Thus, to keep PCB
track resistance, voltage drop and temperature to a mini-
mum, the suggested trace width in these applications for
1 ounce copper foil is 0.03” for each ampere of DC current.
In the majority of applications, it will be necessary to use
plated-through vias to make circuit connections from
component layers to power and ground layers internal to
LTC4244*
CURRENT FLOW
TO SOURCE
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DRAWING IS NOT TO SCALE!
4244 F15
TRACK WIDTH W:
0.03" PER AMPERE
ON 1 OZ Cu FOIL
D
D
D
D
G
S
S
S
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
SENSE
RESISTOR
SO-8
VIA TO
GND PLANE
GND
GND
3.3VOUT
3.3V
3.3VIN
3.3V
VIA/PATH
TO GND
GATE
R3
R5
C1
CTIMER
W
W
W
Figure 15. Recommended Layout for Power MOSFET, Sense Resistor and GATE Components for the 3.3V Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com