Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4244IGN Datasheet HTML 1Page - Linear Technology LTC4244IGN Datasheet HTML 2Page - Linear Technology LTC4244IGN Datasheet HTML 3Page - Linear Technology LTC4244IGN Datasheet HTML 4Page - Linear Technology LTC4244IGN Datasheet HTML 5Page - Linear Technology LTC4244IGN Datasheet HTML 6Page - Linear Technology LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC4244/LTC4244-1
42441f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
s
Controls –12V, 3.3V, 5V and 12V Supplies
s
±14.4V Absolute Maximum Rating for 12VIN
and –12VIN Input Pins
s
Insensitive to Supply Voltage Transients
s
Adjustable Foldback Current Limit with Circuit Breaker
s
LOCAL_PCI_RST# Logic On-Chip
s
PRECHARGE Output Biases I/O Pins During Card
Insertion and Extraction
s
LTC4244-1 Designed for Applications without –12V
s
Available in 20-Lead Narrow SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Hot Board Insertion into CompactPCI Bus
The LTC
®4244/LTC4244-1 are Hot SwapTM controllers that
allow a board to be safely inserted into and removed from
a CompactPCI
TM bus slot. External N-channel transistors
control the 5V and 3.3V supplies while on-chip switches
control the
±12V supplies. The 3.3V and 5V supplies can
be ramped up at an adjustable rate. Electronic circuit
breakers protect all four supplies against overcurrent
faults. After the power-up cycle is complete, the TIMER pin
capacitor serves as auxiliary VCC allowing the LTC4244/
LTC4244-1 to function without interruption in the pres-
ence of voltage spikes on the 12VIN supply. The PWRGD
output indicates when all four supplies are within toler-
ance. The OFF/ON pin is used to cycle board power or reset
the circuit breaker. The PRECHARGE output can be used
to bias the bus I/O pins during card insertion and extrac-
tion. PCI_RST# is combined on-chip with HEALTHY# in
order to generate LOCAL_PCI_RST#.
3.3VIN
12VIN
12VOUT
VEEIN
OFF/ON
Z4
5VIN
R4
10
Ω
CLOAD(5VOUT)
VOUT
5V
5A
VOUT
3.3V
7A
R5
1k
C1
0.33
µF
R3
10
Ω
R1
0.005
Ω
R2
0.007
Ω
Q1
IRF7457
Q2
IRF7457
3.3VOUT
3.3VSENSE
GND PRECHARGE
5VIN
5VSENSE
DRIVE
R9 24
Ω
1V
±10%
Q3
MMBT2222A
C3 4.7nF
VIN
3.3V
4244 F01
LTC4244
GATE
5VOUT
+
CLOAD(3.3VOUT)
+
VOUT
12V
500mA
CLOAD(12VOUT)
+
VEEOUT
TIMER
RESETOUT
I/O #1
I/O #128
VEEOUT
–12V
100mA
VOUT
3.3V
CLOAD(VEEOUT)
C2
0.082
µF
Z3
Z2
Z1
R17
10k
3.3VIN
R22
2.7
Ω
C9
0.01
µF PER
POWER PIN
C7
0.01
µF
C8
0.01
µF PER
POWER PIN
R21
1.8
Ω
R19 1k
FAULT
PWRGD
RESETIN
R18 10k
R20
1.2k
R16
1
Ω
C6
0.01
µF
R8 1k
R7 12
Ω
R6
10k
R10 18
Ω
R11
10k
R13
10
Ω
R14
10
Ω
•
•
•
•
•
•
•
•
•
R12
10k
C5
0.01
µF
R15
1
Ω
C4
0.01
µF
I/O DATA LINE 1
I/O DATA LINE 128
Z1, Z2: SMAJ12A
Z3, Z4: SMAJ5.0A
I/O PIN 128
RESET#
PCI
BRIDGE
CHIP
I/O PIN 1
GROUND
PCI_RST#
LOCAL_PCI_RST#
HEALTHY#
LONG V(I/O)
BD_SEL#
–12V
12V
LONG 3.3V
LONG 5V
3.3V
5V
Figure 1. Typical Compact PCI Application
Hot Swap is a trademark of Linear Technology Corporation.
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.
Rugged, CompactPCI Bus
Hot Swap Controllers


Similar Part No. - LTC4244IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results

Similar Description - LTC4244IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
CompactPCI Bus Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com