Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 6Page - Linear Technology LTC4244IGN Datasheet HTML 7Page - Linear Technology LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology LTC4244IGN Datasheet HTML 10Page - Linear Technology LTC4244IGN Datasheet HTML 11Page - Linear Technology LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC4244/LTC4244-1
42441f
BLOCK DIAGRA
+ –
+ –
+–
5VOUT
TIMER_LO
≥ 50mV
TIMER_HI
≥ 150mV
CP_OFF
VCC
67
µA
60
µA
3.3VIN
5VIN
3.3VSENSE
5VSENSE
GATE
50mV
+–
+ –
+–
3.3VOUT
TIMER_LO
≥ 50mV
TIMER_HI
≥ 150mV
50mV
5V
CURRENT
FAULT
VEEIN
REF
3.3V
CURRENT FAULT
13
OFF/ON
14
15
16
17
FAULT
DRIVE
SQ
R
TIMER
CP_OFF
THERMAL FAULT
CP_OFF
CP_OFF
THERMAL FAULT
VEE CURRENT FAULT
12V CURRENT FAULT
VCC
21
µA
CP_OFF
VCC
12VIN
VCC
THERMAL
FAULT
TIMER_LO
TIMER_HI
TIMER_HI
Q
SQ
RQ
THERMAL
FAULT
5V CURRENT FAULT
3.3V CURRENT FAULT
VEE CURRENT FAULT
12V CURRENT FAULT
4
6
GND
8
8
µs
RISING
EDGE
DELAY
46
µs
FALLING
EDGE
DELAY
25
µs
RISING
EDGE
DELAY
14
µs
FALLING
EDGE
DELAY
12V SWITCH
CONTROL
CHARGE
PUMP
VEE SWITCH
CONTROL
THERMAL
SHUTDOWN
VCC
REF
REFERENCE
UVL
MONITOR
RESET
VCC UVL
5
PWRGD
7
RESETIN
9
12VIN
1
VEEIN
2
RESETOUT
10
4R
5VIN
R
11
PRECHARGE
12
12VOUT
20
5VOUT
3
3.3VOUT
18
VEEOUT
4244 BD
19
POWER GOOD
MONITOR
REF
CP_OFF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com