Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 11Page - Linear Technology LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC4244/LTC4244-1
42441f
Table 1. tTIMER vs CTIMER
CTIMER (±10%)
tTIMER(MIN)
tTIMER(MAX)
0.1
µF
35ms
74ms
0.22
µF
77ms
162ms
0.33
µF
115ms
243ms
0.47
µF
164ms
346ms
0.68
µF
238ms
500ms
0.82
µF
287ms
603ms
The TIMER pin is immediately pulled low when the BD_SEL#
pin signal goes high.
Thermal Shutdown
The internal switches for the 12V and –12V supplies are
protected by a thermal shutdown circuit. When the junc-
tion temperature of the die reaches 150
°C, all switches will
be latched off and the FAULT pin will be pulled low.
Short-Circuit Protection
During a normal power-up sequence, if the TIMER pin is
done ramping and any supply is still in current limit all of
the pass transistors will be immediately turned off and
FAULT will be pulled low as shown in Figure 4.
In order to prevent excessive power dissipation in the pass
transistors and prevent voltage spikes on the supplies
during short-circuit conditions, the current limit on each
supply is designed to be a function of the output voltage.
As the output voltage drops, the current limit decreases.
Unlike a traditional circuit breaker function where large
currents can flow before the breaker trips, the current
foldback feature guarantees that the supply current will be
kept at a safe level.
If either the 12V or –12V supply exceeds current limit
after power-up, the shorted supply’s current will drop
APPLICATIO S I FOR ATIO
TIMER
10V/DIV
GATE
10V/DIV
3.3VOUT
10V/DIV
BD_SEL#
10V/DIV
HEALTHY#
10V/DIV
FAULT
10V/DIV
LCL_PCI_RST#
10V/DIV
20ms/DIV
4244 F04
12VOUT
10V/DIV
VEEOUT
10V/DIV
5VOUT
10V/DIV
Figure 4. Power-Up Into a Short on a 3.3V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com