Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 8Page - Linear Technology LTC4244IGN Datasheet HTML 9Page - Linear Technology LTC4244IGN Datasheet HTML 10Page - Linear Technology LTC4244IGN Datasheet HTML 11Page - Linear Technology LTC4244IGN Datasheet HTML 12Page - Linear Technology LTC4244IGN Datasheet HTML 13Page - Linear Technology LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LTC4244/LTC4244-1
42441f
•5VIN UVL Threshold Voltage: The LTC4244’s 5VIN UVL
threshold voltage is 4.25V vs. 2.5V for the LTC1644.
•VEEOUTPWRGDThresholdVoltage:TheLTC4244VEEOUT
power good threshold voltage is –11.1V vs –10.5V for
the LTC1644.
• Absolute Maximum Ratings: The LTC4244’s absolute
maximum ratings for the 12VIN and VEEIN pins are
±14.4V, respectively, vs ±13.2V for the LTC1644.
• 5V/3.3V Circuit Breakers: If a short-circuit occurs after
power-up, the LTC4244 actively limits the voltage
dropped across the external 5V and 3.3V sense resis-
tors to 150mV for 25
µs before tripping the circuit
breaker. In the event either the 5V or 3.3V sense resistor
voltage exceeds 150mV, the LTC1644 trips the circuit
breaker without delay.
• 5V/3.3V Circuit Breaker Threshold Voltage: The LTC4244
threshold voltage is 52mV
±5mV vs 55mV ±15mV for
the LTC1644.
• External Gate Voltage: After power-up, the voltage drop
from the 12VIN pin to the GATE pin is 0.6V for the
LTC4244 vs 50mV for the LTC1644.
Hot Plug Power-Up Sequence
The LTC4244 is specifically designed for hot plugging
CPCI boards. The typical application circuit is shown in
Figure 1.
CPCI Connector Pin Sequence
The staggered lengths of the CPCI male connector pins
ensure that all power supplies are physically connected to
the LTC4244 before back-end power is allowed to ramp up
(BD_SEL# asserted low). The long pins, which include 5V,
3.3.V, V(I/O) and GND, mate first. The short BD_SEL# pin
mates last. At least one long 5V power pin must be
connected to the LTC4244 in order for the PRECHARGE
voltage to be available during the insertion sequence.
The following is a typical hot insertion sequence:
1. ESD clips make contact.
2. Long power and ground pins make contact and Early
Power is established. The 1V precharge voltage be-
comes valid at this stage of insertion. Power is also
applied to the pull-up resistors connected to the FAULT,
PWRGD and OFF/ON pins. All power switches are held
off at this stage of insertion.
3. Medium length pins make contact. Both FAULT and
PWRGD continue to be pulled up high at this stage in the
hot plug sequence, and the power switches are still held
off. The 12V and –12V connector pins also make
contact at this stage. Zener clamps Z1 and Z2 plus shunt
RC snubbers R16-C5 and R15-C4 help protect the VEEIN
and 12VIN pins, respectively, from large voltage tran-
sients during hot insertion.
The signal pins also connect at this point. These include
the HEALTHY# signal (which is connected to the PWRGD
pin), the PCI_RST# signal (which is connected to the
RESETIN pin) and the I/O connector pins (which are
biased at 1V by the LTC4244’s precharge circuit).
4. Short pins make contact. The BD_SEL# signal is con-
nected to the OFF/ON pin. If the BD_SEL# signal is
grounded on the backplane, the plug-in card power-up
cycle begins immediately. System backplanes that do
not ground the BD_SEL# signal will instead have cir-
cuitry that detects when BD_SEL# makes contact with
the plug-in board. The system logic can then control the
power up process by pulling BD_SEL# low.
Power-Up Sequence
The back-end 3.3VOUT and 5VOUT power planes are iso-
lated from the 3.3VIN and 5VIN power planes by external
N-channel pass transistors Q1 and Q2, respectively. Inter-
nal pass transistors isolate the back-end 12VOUT and
VEEOUT power planes from the 12VIN and VEEIN power
planes.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com