Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4244IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4244IGN
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4244IGN Datasheet HTML 14Page - Linear Technology LTC4244IGN Datasheet HTML 15Page - Linear Technology LTC4244IGN Datasheet HTML 16Page - Linear Technology LTC4244IGN Datasheet HTML 17Page - Linear Technology LTC4244IGN Datasheet HTML 18Page - Linear Technology LTC4244IGN Datasheet HTML 19Page - Linear Technology LTC4244IGN Datasheet HTML 20Page - Linear Technology LTC4244IGN Datasheet HTML 21Page - Linear Technology LTC4244IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC4244/LTC4244-1
42441f
APPLICATIO S I FOR ATIO
Figure 8. Precharge Voltage >1V Application Circuit
Q3
MMBT2222A
12
Ω
5%
3.3VIN
4244 F08
1k
5%
18
Ω
5%
R10B
R10A
PRECHARGE OUT
*ADDITIONAL DETAILS OMITTED FOR CLARITY
4.7nF
11
12
8
R10A + R10B
R10A
VPRECHARGE =
• 1V
DRIVE
PRECHARGE
LTC4244*
GND
Figure 7. Precharge Voltage <1V Application Circuit
Q3
MMBT2222A
12
Ω
5%
3.3VIN
4244 F07
1k
5%
18
Ω
5%
R10B
R10A
PRECHARGE OUT
*ADDITIONAL DETAILS OMITTED FOR CLARITY
4.7nF
11
12
8
R10A
R10A + R10B
VPRECHARGE =
• 1V
DRIVE
PRECHARGE
LTC4244*
GND
5VIN
C9
0.01
µF PER
POWER PIN
13
5
12
11
Z4: SMAJ5.0A
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DATA BUS
I/O
4244 F09
Q3
MMBT2222A
8
R10
18
Ω 5%
R19
1k 5%
3VIN
R13
10
Ω
5%
R11
10k
5%
R12
10k
5%
PRECHARGE OUT
1V
±10%
IOUT = ±55mA
I/O
R14
10
Ω
5%
R22
2.7
Ω
R8
1k 5%
R7
12
Ω 5%
C3 4.7nF
R9
24
Ω
PCI
BRIDGE
CHIP
5V
LONG 5V
BD_SEL#
GROUND
I/O PIN 1
I/O PIN 128
Z4
C7
0.01
µF
UP TO 128 I/O LINES
0.1
µF
100
Ω
Q2
MMBT3906
R23
51.1k 5%
R24
75k
5%
BUS SWITCH
VDD
OE
OUT
OUT
IN
PCB EDGE
BACKPLANE
CONNECTOR
BACKPLANE
CONNECTOR
R20
1.2k
5%
GND
5VIN
OFF/ON
LTC4244*
PRECHARGE
DRIVE
Figure 9. Precharge Bus Switch Application Circuit for 3.3V and Universal Hot Swap Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com