Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 23Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 24Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 25Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 26Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 27Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 28Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 29Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 30Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
status state for 1 PCLK cycle and modifies the D terminals to the correct status state. Note that the status
transfer during the data-on indication does not need to be preceded or followed by a data-on indication.
It is possible for the PHY to receive a null packet, which consists of the data-prefix state on the serial bus
followed by the data-end state, without any packet data. A null packet is transmitted whenever the packet speed
exceeds the capability of the receiving PHY, or whenever the LLC immediately releases the bus without
transmitting any data. In this case, the PHY asserts receive on the CTL terminals with the data-on indication (all
1s) on the D terminals, followed by idle on the CTL terminals, without any speed code or data being transferred.
In all cases, in normal operation, the TSB41BA3F-EP sends at least one data-on indication before sending the
speed code or terminating the receive operation.
The TSB41BA3F-EP also transfers its own self-ID packet, transmitted during the self-ID phase of bus
initialization, to the LLC. This packet it transferred to the LLC just as any other received self-ID packet.
00
00
10
XX
dn
d0
SPD
(a)
(b)
FF (data-on)
D0–D7
CTL0, CTL1
PCLK
(c)
(d)
(e)
A. SPD = speed code, see Table 11-14. d0–dn = packet data.
Figure 11-5. Normal Packet Reception Timing
00
00
10
XX
dn
d0
SPD
(a)
(b)
FF (data-on)
D0–D7
CTL0, CTL1
PCLK
(c)
(d)
(e)
01
STATUS
10
FF
(data-on)
A. SPD = speed code, see Table 11-14. d0–dn = packet data. STATUS = status bits, see Table 11-11.
Figure 11-6. Normal Packet Reception Timing With Optional Bus Status Transfer
The sequence of events for a normal packet reception is as follows:
1. Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines.
Normally, the interface is idle when receive is asserted. However, the receive operation can interrupt a status
transfer operation that is in progress so that the CTL lines can change from status to receive without an
intervening idle.
2. Data-on indication. The PHY can assert the data-on indication code on the D lines for one or more cycles
preceding the speed code. The PHY can optionally send a bus status transfer during the data-on indication
for one PCLK cycle. During this cycle, the PHY asserts status (01b) on the CTL lines while sending status
information on the D lines.
3. Speed code. The PHY indicates the speed of the received packet by asserting a speed code on the D lines
for one cycle immediately preceding packet data. The link decodes the speed code on the first receive cycle
for which the D lines are not the data-on code. If the speed code is invalid or indicates a speed higher than
that which the link is capable of handling, then the link must ignore the subsequent data.
4. Receive data. Following the data-on indication (if any) and the speed code, the PHY asserts packet data on
the D lines with receive on the CTL lines for the remainder of the receive operation.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com