Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 16Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
6.5 Electrical Characteristics - Driver
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
1394a differential output voltage
56 Ω, See Figure 8-1
172
265
mV
VOD
1394b differential output voltage
300
700
800
mV
IDIFF
Driver difference current,
TPA+, TPA–, TPB+, TPB–
Drivers enabled, speed signaling off
–1.05(1)
1.05(1)
mA
ISP200
Common-mode speed signaling current,
TPB+, TPB–
S200 speed signaling enabled
–4.84(2)
–2.53(2)
mA
ISP400
Common-mode speed signaling current,
TPB+, TPB–
S400 speed signaling enabled
–12.4(2)
–8.1(2)
mA
VOFF
Off-state differential voltage
Drivers disabled, See Figure 8-1
20
mV
(1)
Limits defined as algebraic sum of TPA+ and TPA– driver currents. Limits also apply to TPB+ and TPB– algebraic sum of driver
currents.
(2)
Limits defined as absolute limit of each TPB+ and TPB– driver currents.
6.6 Electrical Characteristics - Receiver
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ZID
Differential impedance
Drivers disabled
4
7
kΩ
4
pF
ZIC
Common-mode impedance
Drivers disabled
20
kΩ
24
pF
VTH-R
Receiver input threshold voltage
Drivers disabled
–30
30
mV
VTH-CB
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH–
Negative arbitration comparator threshold voltage
Drivers disabled
–168
–89
mV
VTH-SP200
Speed signal threshold
TPBIAS–TPA common-mode
voltage, drivers disabled
49
131
mV
VTH-SP400
Speed signal threshold
314
396
mV
6.7 Electrical Characteristics - Device
over recommended ranges of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current 3.3 VDD33
See (1)
110
150
mA
VTH
Power status threshold, CPS input(2)
400-kΩ resistor(2)
4.7
7.5
V
VOH
High-level output voltage, CTL0, CTL1, D0–D7,
PCLK, S5_LKON outputs
VDD33 = 3 to 3.6 V, IOH = –4 mA
0.85
VDD33
V
VOL
Low-level output voltage, CTL0, CTL1, D0–D7,
PCLK, S5_LKON outputs
IOL = 4 mA
0.22
VDD33
V
IOZ
Off-state output current, CTL0, CTL1, D0–D7,
S5_LKON I/Os
VO = VDD33 or 0 V
±20
μA
IIRST
Pullup current, RESET input
VI = 1.5 V or 0 V
–90
–20
μA
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
(1)
Repeat max packet (one port receiving maximum size isochronous packet–4096 bytes, sent on every isochronous interval, data value
of 0x00FF 00FFh; two ports repeating; all ports with S400 Beta-mode connection), VDD3.3 = 3.3 V, internal regulator, TA = 25°C
(2)
Measured at cable-power side of resistor
6.8 Switching Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tr
TP differential rise time, transmit
1394a-2000
10% to 90%, At 1394 connector
0.3
0.8
ns
1394b-2002 S400B
80
800
ps
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com