Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 16Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 17Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tf
TP differential fall time, transmit
1394a-2000
90% to 10%, At 1394 connector
0.3
0.8
ns
1394b-2002 S400B
80
800
ps
tsu
Setup time, CTL0, CTL1, D0–D7,
LREQ to PCLK
1394a-2000
50% to 50%, See Figure 8-2
2.5
ns
th
Hold time, CTL0, CTL1, D0–D7, LREQ
after PCLK
1394a-2000
50% to 50%, See Figure 8-2
0
ns
tsu
Setup time, CTL0, CTL1, D0–D7,
LREQ to LCLK_PMC
1394b
50% to 50%, See Figure 8-2
2.5
ns
th
Hold time, CTL0, CTL1, D0–D7, LREQ
after LCLK_PMC
1394b
50% to 50%, See Figure 8-3
0
ns
td
Delay time, PCLK to CTL0, CTL1, D0–
D7, PINT
1394a-2000 and
1394b-2002
50% to 50%, See Figure 8-3
0.5
1.6
ns
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com