Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 1 Page - Texas Instruments

  TSB41BA3FTPFPEP Datasheet HTML 1Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
1 Features
• New features (for ports operating in BETA mode):
detection of loss-of-scrambler-sync, fast power-on
re-connect, fast re-train upon loss-of-sync, fast
tone debounce, fast connection (skip tone
debounce and speed negotiation) see Section
13.2.3
• Fully supports provisions of 1394-1995, IEEE
1394a-2000 and IEEE 1394b-2002 at s100, s100b,
s200, s200b, s400, and s400b signaling rates (b
signifies IEEE 1394b signaling) see Section 13.1
• Provides three fully backward-compatible, bilingual
1394b at 400-Mbps and 1394a-2000 compliant at
100/200/400-Mbps
• Full 1394a-2000 support includes: connection
debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by
concatenation, port disable/suspend/resume,
extended resume signaling for compatibility with
legacy dv devices
• Fully interoperable with Firewire™, DTVLink,
SB1394, DishWire, and i.LINK™ implementation of
IEEE std 1394
• Cable/transceiver hardware speed and port mode
are selectable by terminal states
• Supports connection to CAT5 cable transceiver by
setting ports to be beta-only, 400-Mbps-only, 200-
Mbps-only or 100-Mbps-only
• Supports connection to s200 plastic optical fiber
transceivers by setting ports to be beta-only, 200-
Mbps-only, and 100-Mbps-only
• Optical signal detect input for all ports in beta
mode enables connection to optical transceivers
• Supports use of 1394a connectors by allowing
ports 1 and 2 to be forced to 1394a-only mode
• PHY-LINK interface selectable from 1394a-2000
mode (2/4/8 bits at 49.152 Mhz) or 1394b mode (8
bits at 98.304 Mhz)
• Register bits give software control of software
device reset, contender bit, power class bits, link
active control bit, and 1394a-2000 features
• Separate bias (tpbias) for each port
• Cable ports monitor line conditions for active
connection to remote node
• Cable power presence monitoring
• 1394a-2000-compliant, common-mode noise filter
on the incoming bias detect circuit to filter out
crosstalk noise
• Power-down features to conserve energy in
battery-powered applications
• Low-cost 49.152-Mhz crystal provides transmit and
receive data at 100/200/400 Mbps and link-layer
controller clock at 49.152-Mhz and 98.304-Mhz
• Interoperable with link-layer controllers using 3.3-V
supplies
• Interoperable with other 1394 physical layers
(PHYs) using 1.8-V, 3.3-V, and 5-V supplies
• Fail-safe circuitry senses sudden loss of power to
the device and disables the ports to ensure that
the TSB41BA3F-EP does not load the tpbias of
any connected device and blocks any leakage
from the port back to power plane
• Supports defense, aerospace, and medical
applications:
– Controlled baseline
– One assembly/test site
– One fabrication site
– Extended product life cycle
– Extended product-change notification
– Product traceability
2 Applications
• Avionics and defense
• Factory automation & control
• Medical
3 Description
The TSB41BA3F-EP provides the digital and analog
transceiver functions needed to implement a three-
port node in a cable-based IEEE 1394 network. Each
cable port incorporates two differential line
transceivers. The transceivers include circuitry to
monitor the line conditions as needed for determining
connection status, for initialization and arbitration, and
for packet reception and transmission. The
TSB41BA3F-EP interfaces with a link-layer controller
(LLC), such as the TSB82AF15-EP, TSB12LV21,
TSB12LV26, TSB12LV32, TSB42AA4, TSB42AB4,
TSB12LV01B, TSB12LV01C, or the TSB82AA2. It can
also be connected via cable port to an integrated
1394 Link + PHY layer such as the TSB43AB2.
Table 3-1. Device Information Section 15
PART NUMBER
PACKAGE
BODY SIZE
TSB41BA3F-EP
80-pin PFP
12.00 mm × 12.00 mm
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TSB41BA3F-EP
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TSB41BA3FTPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3 TI-TSB41BA3 Datasheet
884Kb / 63P
IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI-TSB41BA3A Datasheet
895Kb / 66P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41BA3FTPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com