Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 3 Page - Texas Instruments

  TSB41BA3FTPFPEP Datasheet HTML 1Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
5 Terminal Configuration and Functions
2
3
AGND
AVDD
DGND
DVDD-CORE
SM
SE
CPS
S3
S4
PLLVDD-3.3
PLLVDD-CORE
PLLVDD-CORE
PLLGND
XI
XO
PLLGND
AVDD
R0
R1
AGND
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
4
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
AGND
AGND
AVDD
DGND
DVDD-CORE
S2_PC0
S1_PC1
S0_PC2
DVDD-3.3
DVDD-3.3
DVDD-CORE
DGND
VREG_PD
BMODE
RESET
DGND
PD
TESTM
ENHANCE_EN
LPS
5
6
7 8
PFP PACKAGE
(TOP VIEW)
59 58 57 56 55
60
54
52 51 50
53
9 10 11 12 13
49 48
1
47 46 45 44
14 15 16 17 18 19 20
43 42 41
TSB41BA3F
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
PFP
NO.
AGND
Supply
21, 40,
43, 50,
61, 62
–
Analog circuit ground terminals. These terminals must be tied together to the low-
impedance circuit board ground plane.
AVDD
Supply
24, 39,
44, 51,
57, 63
–
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal is suggested, such as paralleled 0.1 μF and 0.001 μF. Lower frequency 10-
μF filtering capacitors are also recommended. These supply terminals are separated from
the PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and DVDD-3.3 terminals internal to the
device to provide noise isolation. The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must
be tied together with a low dc impedance connection on the circuit board.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com