Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 48 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 50Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 51Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Table 13-2. Base Register Field Descriptions (continued)
FIELD
SIZE
TYPE
DESCRIPTION
STOI
1
Rd/Wr
State time-out interrupt. This bit indicates that a state time-out has occurred (which also causes a bus
reset to occur). This bit is reset to 0 by hardware reset or by writing a 1 to this register bit.
If the STOI and WDIE bits are both set and the LLC is or becomes inactive, then the PHY activates the
S5_LKON output to notify the LLC to service the interrupt.
PEI
1
Rd/Wr
Port event interrupt. This bit is set to 1 on any change in the connected, bias, disabled, or fault bits for any
port for which the port interrupt enable (PIE) bit is set. Additionally, if the resuming port interrupt enable
(WDIE) bit is set, then the PEI bit is set to 1 at the start of resume operations on any port. This bit is reset
to 0 by hardware reset, or by writing a 1 to this register bit.
EAA
1
Rd/Wr
Enable accelerated arbitration. This bit enables the PHY to perform the various arbitration acceleration
enhancements defined in 1394a-2000 (ACK-accelerated arbitration, asynchronous fly-by concatenation,
and isochronous fly-by concatenation). This bit is reset to 0 by hardware reset and is unaffected by bus
reset. This bit has no effect when the device is operating in 1394b mode.
Note
NOTE: The use of accelerated arbitration is completely compatible with networks containing
legacy IEEE Std 1394-1995 PHYs. The EAA bit is set only if the attached LLC is
1394a-2000-compliant. If the LLC is not 1394a-2000 or 1394b-2002-compliant, then the use
of the arbitration acceleration enhancements can interfere with isochronous traffic by
excessively delaying the transmission of cycle-start packets.
EMC
1
Rd/Wr
Enable multispeed concatenated packets. This bit enables the PHY to transmit concatenated packets of
differing speeds in accordance with the protocols defined in 1394a-2000. This bit is reset to 0 by hardware
reset and is unaffected by bus reset. This bit has no effect when the device is operating in 1394b mode.
Note
NOTE: The use of multispeed concatenation is completely compatible with networks
containing legacy IEEE Std 1394-1995 PHYs. However, use of multispeed concatenation
requires that the attached LLC be 1394a-2000 or 1394b-2002-compliant.
Max Legacy
SPD
3
Rd
Maximum legacy-path speed. This field holds the maximum speed capability of any legacy node
(1394a-2000 or 1394-1995-compliant) as indicated in the self-ID packets received during bus initialization.
Encoding is the same as for the PHY_SPEED field (but limited to S400 maximum).
BLINK
1
Rd
Beta-mode link. This bit indicates that a Beta-mode-capable link is attached to the PHY. This bit is set by
the BMODE input terminal on the TSB41BA3F-EP.
Bridge
2
Rd/Wr
This field controls the value of the bridge (brdg) field in self-ID packet. The power reset value is 0. Details
for when to set these bits are specified in the IEEE 1394.1 bridging specification.
Page_Select
3
Rd/Wr
Page_Select. This field selects the register page to use when accessing register addresses 8 through 15.
This field is reset to 0 by a hardware reset and is unaffected by bus reset.
Port_Select
4
Rd/Wr
Port_Select. This field selects the port when accessing per-port status or control (for example, when one
of the port status/control registers is accessed in page 0). Ports are numbered starting at 0. This field is
reset to 0 by hardware reset and is unaffected by bus reset.
The port status page provides access to configuration and status information for each of the ports. The port is
selected by writing 0 to the Page_Select field and the desired port number to the Port_Select field in base
register 7. Table 13-3 shows the configuration of the port status page registers, and Table 13-4 gives the
corresponding field descriptions. If the selected port is unimplemented, then all registers in the port status page
are read as 0.
Table 13-3. Page 0 (Port Status) Register Configuration
Address
BIT POSITION
0
1
2
3
4
5
6
7
1000
Astat
Bstat
Ch
Con
RxOK
Dis
1001
Negotiated_speed
PIE
Fault
Standby_fault
Disscrm
B_Only
1010
DC_connected
Max_port_speed
LPP
Cable_speed
1011
Connection_unreliable
Reserved
Beta_mode
Reserved
1100
Port_error
1101
Reserved
Sleep_Flag
Sleep_enable
Loop_disable
In_standby
Hard_disable
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com