Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 52 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 50Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 51Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 52Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 53Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 54Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 55Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Table 13-5. Page 1 (Vendor Id) Register Configuration
Address
BIT POSITION
0
1
2
3
4
5
6
7
1000
Compliance
1001
Reserved
1010
Vendor_ID0
1011
Vendor_ID1
1100
Vendor_ID2
1101
Product_ID0
1110
Product_ID1
1111
Product_ID2
Table 13-6. Page 1 (Vendor Id) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Compliance
8
Rd
Compliance level. For the TSB41BA3F-EP, this field is 02h, indicating compliance with the 1394b-2002
specification.
Vendor_ID
24
Rd
Manufacturer's organizationally unique identifier (OUI). For the TSB41BA3F-EP, this field is 08_00_28h
(Texas Instruments) (the MSB is at register address 1010b).
Product_ID
24
Rd
Product identifier. For the TSB41BA3F-EP, this field is 83_40_07h (the MSB is at register address 1101b).
The vendor-dependent page provides access to the special control features of the TSB41BA3F-EP, as well as
configuration and status information used in manufacturing test and debug. This page is selected by writing 7 to
the Page_Select fieldin base register 7. Table 13-7 shows the configuration of the vendor-dependent page and
Table 13-8 shows the corresponding field descriptions.
Table 13-7. Page 7 (Vendor-Dependent) Register Configuration
Address
BIT POSITION
0
1
2
3
4
5
6
7
1000
Reserved
MAX_INVALID_EXT
Reserved
Reserved
1001
Reserved for test
1010
Reserved for test
1011
Reserved for test
1100
Reserved for test
1101
Reserved for test
1110
SWR
Reserved for test
1111
Reserved for test
Table 13-8. Page 7 (Vendor-Dependent) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
MAX_INVALID_
EXT
2
Rd/Wr
The count limit used in the loss-of-sync logic is: 4*MAX_INVALID_EXT + 3. At Power On Reset the
MAX_INVALID_EXT field is set to ‘b10 (2) when enhancements are enabled and to 0 otherwise. (I.e.,
the invalid count limit is increased to 11 when enhancements are enabled at Power On Reset).
SWR
1
Rd/Wr
Software hard reset. Writing a 1 to this bit forces a hard reset of the PHY (same effect as momentarily
asserting the RESET terminal low). This bit is always read as a 0.
13.2.3 Feature Enhancements to revision F
Several new features have been added to the IEEE-1394-2008 standard implementation to increase the
robustness of IEEE-1394 Beta connections.
13.2.3.1 Detect Loss of Descrambler Synchronization
If for some reason the descrambler loses synchronization with the incoming scrambled 8b10b symbols, the
receiving PHY will not detect them as invalid characters and will not increment invalidCount. This causes it to
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com