Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
PFP
NO.
S4
CMOS
32
I
Port mode selection terminal 4. On hardware reset, this terminal when used with the other
five selection terminals allows the user to select the speed and mode of the ports. See
Table 5-1. Programming is done by tying the terminals high through a 1-kΩ or smaller
resistor or by tying directly to ground through a 1-kΩ or smaller resistor. A bus holder is built
into this terminal.
S5_LKON
CMOS
2
I/O
Port mode selection terminal 5 and link-on output. This terminal can be connected to the
link-on input terminal of the LLC through a 1-kΩ resistor if the link-on input is available on
the link layer.
On hardware reset this terminal, when used with the other Port Speed/Mode Selection
terminals, allows the user to select whether ports act like a 1394b bilingual port (terminal at
logic 0) or as a 1394a-2000-only port (terminal 1394b bilingual mode or high through a 1-
kΩ or less resistor to enable 1394b bilingual mode or high through a 1-kΩ or less resistor to
enable 1394a-2000-only mode. A bus holder is built into this terminal. See Table 5-1. A bus
holder is built into this terminal.
After hardware reset, this terminal is the link-on output, which notifies the LLC or other
power-up logic to power up and become active. The link-on output is a square wave signal
with a period of approximately 163 ns (8 PCLK cycles) when active. The link-on output is
otherwise driven low, except during hardware reset when it is high-impedance.
The link-on output is activated if the LLC is inactive (the LPS input inactive or the LCtrl bit
cleared) and when one of the following occurs:
1. The PHY receives a link-on PHY packet addressed to this node.
2. The PEI (port-event interrupt) register bit is 1.
3. Any of the CTOI (configuration-timeout interrupt),
CPSI (cable-power-status interrupt), or STOI (state-time-out interrupt) register bits is 1
and the RPIE (resuming-port interrupt enable) register bit is also 1.
4. The PHY is power-cycled and the power class is 0 through 4.
Once activated, the link-on output is active until the LLC becomes active (both the LPS
input active and the LCtrl bit set). The PHY also deasserts the link-on output when a bus-
reset occurs unless the link-on output is otherwise active because one of the interrupt bits
is set (that is, the link-on output is active due solely to the reception of a link-on PHY
packet).
In the case of power-cycling the PHY, the LKON signal must stop after 167 µs if the
preceding conditions have not been met.
Note
NOTE: If an interrupt condition exists which otherwise would cause the link-on
output to be activated if the LLC were inactive, then the link-on output is
activated when the LLC subsequently becomes inactive.
TESTM
CMOS
78
I
Test control input. This input is used in the manufacturing test of the TSB41BA3F-EP. For
normal use this terminal must be pulled high through a 1-kΩ resistor to VDD.
TPA0–
TPA0+
TPB0–
TPB0+
Cable
45
46
41
42
I/O
Port-0 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Request the S800 1394b layout
recommendations document from your Texas Instruments representative.
TPA1–
TPA1+
TPB1–
TPB1+
Cable
52
53
48
49
I/O
Port-1 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Request the S800 1394b layout
recommendations document from your Texas Instruments representative.
TPA2–
TPA2+
TPB2–
TPB2+
Cable
58
59
55
56
I/O
Port-2 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Request the S800 1394b layout
recommendations document from your Texas Instruments representative.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com