Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VDD18
Supply voltage range(1)
DVDD-CORE, PLLVDD-CORE
–0.3
2.1
V
VDD33
Supply voltage range(1)
DVDD-3.3,PLLVDD-3.3, AVDD
–0.3
4
V
VI33
Input voltage range(1)
Sx, Sx_PCx, VREG_PD, PD, LPS, LREQ,
LCLK, CTLx, Dx, CPS. SLPEN, RESET,
BMODE, TESTM, SDx
–0.5
VDD33 +
0.5
V
VO33
Output voltage range at any output(1)
PINT, PCLK, CTLx, Dx, LKON,
–0.5
VDD33 +
0.5
V
VA
Analog I/O voltage range(1)
TPAx. TPBx
–0.5
VDD33
V
VR
Reference voltage range(1)
only R1 (R0 is internal ground reference)
–0.5
2.1
V
VX
Clock input voltage range(1)
XI, XO
–0.5
VDD18
V
TJ
Absolute maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
All voltage values, except differential I/O bus voltages, are with respect to network ground.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com