Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 63 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 62Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 63Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 64Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 65Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 66Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Therefore, in order to maintain consistent gap-count registers throughout the bus, the following rules apply to the
use of the IBR bit, RHB, and gap-count register in PHY register 1:
• Following the transmission of a PHY configuration packet, a bus reset must be initiated in order to verify that
all nodes have correctly updated their RHBs and gap-count register values, and to ensure that a subsequent
new connection to the bus causes the gap-count register to be set to 63 on all nodes in the bus. If this bus
reset is initiated by setting the IBR bit to 1, then the RHB and gap-count register must also be loaded with the
correct values consistent with the just-transmitted PHY configuration packet. In the TSB41BA3F-EP, the RHB
and gap-count register have been updated to their correct values on the transmission of the PHY
configuration packet and so these values can first be read from register 1 and then rewritten.
• Other than to initiate the bus reset, which must follow the transmission of a PHY configuration packet,
whenever the IBR bit is set to 1 in order to initiate a bus reset, the gap-count register value must also be set
to 63 so as to be consistent with other nodes on the bus, and the RHB must be maintained with its current
value.
• The PHY register 1 must not be written to except to set the IBR bit. The RHB and gap-count register must not
be written without also setting the IBR bit to 1.
• To avoid these problems, all bus resets initiated by software must be initiated by writing the ISBR bit (bit 1
PHY register 0101b). Care must be taken to not change the value of any of the other writeable bits in this
register when the ISBR bit is written to. Also, the only means to change the gap count of any node must be
by means of the PHY configuration packet, which changes all nodes to the same gap count.
13.2.9 Designing With Powerpad™ Devices
The TSB41BA3F-EP is housed in a high-performance, thermally enhanced, 80-terminal PFP PowerPAD
package. Use of the PowerPAD package does not require any special considerations except to note that the
thermal pad, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) might be required to prevent any inadvertent shorting by the exposed thermal pad of connection
etches or vias under the package. The recommended option, however, is to not run any etches or signal vias
under the device, but to have only a grounded thermal land as explained In the following paragraphs. Although
the actual size of the exposed die pad can vary, the maximum size required for the keepout area for the 80-
terminal PFP PowerPAD package is 10 mm × 10 mm. The actual thermal pad size for the TSB41BA3F-EP is 6
mm × 6 mm.
It is required that there be a thermal land, which is an area of solder-tinned-copper, underneath the PowerPAD
package. The thermal land varies in size, depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land might or might not
contain numerous thermal vias depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the Texas Instruments PowerPAD™
Thermally Enhanced Package application report (SLMA002) available via the Texas Instruments Web pages at
URL http://www.ti.com.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com