Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 36Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 37Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 38Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 39Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 40Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 41Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Table 12-12. Link Request Type Encoding During
Packet Transmission
D1–D3
Request Type
000
No request
001
Isoch_Req_Odd
010
Isoch_Req_Even
011
Current
100
Next_Even
101
Next_Odd
110
Cyc_Start_Req
111
Reserved
Table 12-13. Link Request Speed Code Encoding
During Packet Transmission
D5–D6
DATA RATE
00
S100
01
S200
10
S400
11
S800
Table 12-14. Link Request Format Encoding During Packet Transmission
D0
FORMAT
0
Link does not request either Beta or legacy packet format for bus transmission.
1
Link requests Beta packet format for bus transmission.
Table 12-15. Subaction End Notification Encoding During Packet Transmission
D4
DESCRIPTION
0
Transmitted packet does not represent end of a subaction.
1
Transmitted packet marks the end of a subaction.
The PHY indicates to the link during the GRANT cycle which type of grant is being issued. This indication
includes the grant type as well as the grant speed. The link uses the bus grant for transmitting the granted
packet type. The link transmits a granted packet type only if its request type exactly matches the granted speed
and the granted format.
Table 12-16. Format Type During Grant Cycle
D0 VALUE DURING
GRANT CYCLE
FORMAT
0
Unspecified
1
Beta format
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com