Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 41Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
13 Applications, Implementation, and Layout
Note
Information in the following Applications section is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI's customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
13.1 Known exceptions to functional specification (errata).
13.1.1 Errata # 1:Restore from Leaf Node (Nephew)
13.1.1.1 Detailed Description
When a TSB41BA3F (and previous versions) port is a Nephew (in Standby) and the attached link layer controller
issues a bus request to send a packet or arbitrated short bus reset, it causes a MAX_ARB_STATE_TIMEOUT
which results in a bus reset. In the Nephew, the bus reset results in an incorrect two node self-ID map in the
Nephew. The Nephew proxy/creates an extra self-ID packet. The connection between the Nephew and Uncle is
Restored and the correct PHY Configuration packets are transferred from the Uncle to the Nephew.
Note
When the Uncle restores the connection the Restore process is correct.
13.1.1.2 Background
IEEE-1394 Standard specifies, when a node’s port is put into Standby it becomes the Nephew and the attached
PHY port is the Uncle. No bus reset is generated by the Standby action and high-level software in the Nephew
should see the same topology both before and after the Standby. The Standard also defines, the Nephew shall
restore the connection to the Uncle when a Remote Command packet with an extended command of Restore is
received by the Nephew or the Nephew’s node requests the 1394 bus to send a packet. No bus reset shall be
generated by the bus request or restore action. After the restore, it is expected high-level software may request a
bus reset.
13.1.1.3 Workaround Proposal
The standard’s defined Restore process can be done without a bus reset. When the TSB41BA3 is the Nephew
and it initiates a Restore with a bus request, a bus reset is required to update the Self-ID list with current
topology information.
13.1.1.4 Corrective Action
None for current device.
13.2 Application Information
Obtain reference schematics, reference layouts, debug documents, and software recommendations for the
TSB41BA3F-EP from the Texas Instruments website or your local Texas Instruments representative.
13.2.1 Interoperability with earlier revisions of TSB41BA3
In a Beta Only topology, all nodes implement both Beta mode PHY and Link Layers, with more than one
TSB41BA3F and one or more TSB41BA3, TSB41BA3A, TSB41BA3B PHYs acting as repeaters, not a leaf,
could cause a time out error followed by a bus reset. Note: If one or more non-Beta mode nodes (Alpha PHY or
Beta PHY with Alpha Link Layer) are present in the bus topology, this issue will not occur
Work Around: When implementing a Beta Only node, Beta mode PHY and Link Layer, only use the TSB41BA3D
or TSB41BA3F PHYs.
13.2.2 Internal Register Configuration
The TSB41BA3F-EP has 16 accessible internal registers. The configuration of the registers at addresses 0h
through 7h (the base registers) is fixed, whereas the configuration of the registers at addresses 8h through Fh
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com