Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
PFP
NO.
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry. Asserting the PD
input high also activates an internal pulldown on the RESET terminal to force a reset of the
internal control logic.
PINT
CMOS
1
O
PHY interrupt. The PHY uses this output to serially transfer status and interrupt information
to the link when PHY-link interface is in the 1394b mode. A bus holder is built into this
terminal.
PLLGND
Supply
25, 28
–
PLL circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
PLLVDD-CORE Supply
29, 30
–
PLL core circuit power terminals. A combination of high-frequency decoupling capacitors
near each terminal is suggested, such as paralleled 0.1 μF and
0.001 μF. An additional 1-μF capacitor is required for voltage regulation. The PLLVDD-
CORE terminals must be separate from the DVDD-CORE terminals. These supply
terminals are separated from the DVDD-CORE, DVDD-3.3, PLLVDD-3.3, and AVDD-3.3
terminals internal to the device to provide noise isolation.
PLLVDD-3.3
Supply
31
–
PLL 3.3-V circuit power terminal. A combination of high-frequency decoupling capacitors
near the terminal are suggested, such as paralleled 0.1 μF and
0.001 μF. Lower frequency 10-μF filtering capacitors are also recommended. This supply
terminal is separated from the DVDD-CORE, DVDD-3.3, PLLVDD-CORE, and AVDD-3.3
terminals internal to the device to provide noise isolation. The DVDD-3.3 terminals must be
tied together at a low-impedance point on the circuit board. The PLLVDD-3.3, AVDD-3.3,
and DVDD-3.3 terminals must be tied together with a low dc impedance connection.
RESET
CMOS
75
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup
resistor to VDD is provided so only an external delay capacitor is required for proper power-
up operation (see power-up reset in the Application Information section). The RESET
terminal also incorporates an internal pulldown which is activated when the PD input is
asserted high. This input is otherwise a standard logic input, and can also be driven by an
open-drain-type driver.
R0
R1
Bias
23
22
–
Current setting resistor terminals. These terminals are connected to a precision external
resistance to set the internal operating currents and cable driver output currents. A
resistance of 6.34 kΩ ±1% is required to meet the IEEE Std 1394-1995 output voltage
limits.
SE
CMOS
35
I
Test control input. This input is used in the manufacturing test of the TSB41BA3F-EP. For
normal use, this terminal must be pulled low either through a 1-kΩ resistor to GND or
directly to GND.
ENHANCE_EN
CMOS
79
I
Enhancement Enable Formerly SLPEN Automotive sleep mode enable input. At power-on
reset, FPR, FRT and FTD register values are set by ENHANCE_EN. - When
ENHANCE_EN is low FPR, FRT and FTD enhancements are enabled. - When
ENHANCE_EN is high FPR, FRT and FTD enhancements are disabled. See Section
13.2.3.NOTE: SLPEN has not been used in most applications. In most applications pin 79
SLPEN was tied to ground (low). If the TSB41BA3F-EP device is used as a drop-in
replacement where pin 79 ENHANCE_EN is low, all three enhancements will be enabled
without any hardware or software changes. If automotive sleep mode is required, then it
would be required to use revision D or enable sleep mode through software programming
of page 0 registers.
SM
CMOS
36
I
Test control input. This input is used in the manufacturing test of the TSB41BA3F-EP. For
normal use this terminal must be pulled low either through a 1-kΩ resistor to GND or
directly to GND.
S2_PC0
S1_PC1
S0_PC2
CMOS
66
67
68
I
Port mode selection terminals 2-0 and power-class programming. On hardware reset, this
terminal when used with the other five selection terminals allows the user to select the
speed and mode of the ports. See Table 5-1. Depending on the selection, these inputs can
set the default value of the power class indicated during self-ID.
Programming is done by tying the terminals high through a 1-kΩ resistor or by tying directly
to ground through a 1-kΩ resistor. Bus holders are built into these terminals.
S3
CMOS
33
I
Port mode selection terminal 3. On hardware reset, this terminal when used with the other
five selection terminals allows the user to select the speed and mode of the ports. See
Table 5-1. Programming is done by tying the terminals high through a 1-kΩ or smaller
resistor or by tying directly to ground through a 1-kΩ or smaller resistor. A bus holder is built
into this terminal.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com