Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 5 Page - Texas Instruments

  TSB41BA3FTPFPEP Datasheet HTML 1Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
PFP
NO.
LCLK_PMC
CMOS
7
I
Link clock. Link-provided 98.304-MHz clock signal to synchronize data transfers from link to
the PHY. On hardware reset, this terminal is sampled to determine the power management
control (PMC) mode.
LCLK_PMC
LPS
BMODE
Mode
H
L
H
No LLC (PMC mode)
n/c1
lps
L
Legacy LLC
LCLK_PMC2
lps
H
Beta LLC
In PMC mode, because no LLC is attached, the data lines (D7–D0) are available to indicate
power states. In PMC mode, the following signals are output:
•
D0—port 0 cable-power disable (see Note)
•
D1—port 1 cable-power disable (port in sleep or disabled)
•
D2—port 2 cable-power disable (port in sleep or disabled)
•
D6—All ports cable-power disable (all ports in sleep/disable) logical AND of bits D0–D2
•
D3–D5 and D7 are reserved for future use.
Note
NOTE: The cable-power disable is asserted when the port is either:
•
Hard-disabled (both the disabled and hard-disabled bits are set)
•
Sleep-disabled (both the disabled and sleep_enable bits are set)
•
Disconnected
•
Asleep
•
Connected in DS mode, but nonactive (that is, suspended or disabled)
Otherwise, the cable-power disable output is deasserted (that is, cable power is enabled)
when the port is dc-connected or active. A bus holder is built into this terminal.
LPS
CMOS
80
I
Link power status input. This terminal monitors the active/power status of the link-layer
controller (LLC) and controls the state of the PHY-LLC interface. This terminal must be
connected to either the VDD supplying the LLC through an approximately 1-kΩ resistor or to
a pulsed output which is active when the LLC is powered. A pulsed signal must be used
when an isolation barrier exists between the LLC and PHY (see Figure 13-7).
The LPS input is considered inactive if it is sampled low by the PHY for more than an
LPS_RESET time (~2.6 μs), and is considered active otherwise (that is, asserted steady
high or an oscillating signal with a low time less than 2.6 μs). The LPS input must be high
for at least 22 ns to be observed as high by the PHY.
When the TSB41BA3F-EP detects that the LPS input is inactive, it places the PHY-LLC
interface into a low-power reset state. In the reset state, the CTL (CTL0 and CTL1) and D
(D0 to D7) outputs are held in the logic 0 state and the LREQ input is ignored; however, the
PCLK output remains active. If the LPS input remains low for more than an LPS_DISABLE
time (~26 μs), then the PHY-LLC interface is put into a low-power disabled state in which
the PCLK output is also held inactive.
The LLC state that is communicated in the self-ID packet is considered active only if both
the LPS input is active and the LCtrl register bit is set to 1. The LLC state that is
communicated in the self-ID packet is considered inactive if either the LPS input is inactive
or the LCtrl register bit is cleared to 0.
LREQ
CMOS
3
I
LLC request input. The LLC uses this input to initiate a service request to the TSB41BA3F-
EP. A bus holder is built into this terminal.
PCLK
CMOS
5
O
PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the
LLC when the PHY-link interface is operating in the 1394b mode (BMODE asserted). PCLK
output provides a 49.152-MHz clock signal, synchronized with data transfers, to the LLC
when the PHY-link interface is in legacy 1394a-2000 (BMODE input deasserted).
1 Internal pulldown on LCLK_PMC
2 LCLK_PMC from LLC normally low during reset
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com