Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 60 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 62Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 63Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
• The LCLK_PMC input (terminal 7) must be tied directly to ground or through a pulldown resistor of ~1 kΩ or
less, unless the PMC mode is desired (see LCLK_PMC terminal description).
All other signals are connected to their counterparts on the 1394a link-layer controller. The PCLK output
corresponds to the SCLK input signal on most LLCs.
The 1394a-2000 Supplement includes enhancements to the Annex J interface that should be comprehended
when using the TSB41BA3F-EP with a 1394-1995 LLC device.
• A new LLC service request was added which allows the LLC to temporarily enable and disable asynchronous
arbitration accelerations. If the LLC does not implement this new service request, then the arbitration
enhancements must not be enabled (see the EAA bit in PHY register 5).
• The capability to perform multispeed concatenation (the concatenation of packets of differing speeds) was
added in order to improve bus efficiency (primarily during isochronous transmission). If the LLC does not
support multispeed concatenation, then multispeed concatenation must not be enabled in the PHY (see the
EMC bit in PHY register 5).
• In order to accommodate the higher transmission speeds expected in future revisions of the standard,
1394a-2000 extended the speed code in bus requests from 2 bits to 3 bits, increasing the length of the bus
request from 7 bits to 8 bits. The new speed codes were carefully selected so that new 1394a-2000 PHY and
LLC devices would be compatible, for speeds from S100 to S400, with legacy PHY and LLC devices that use
the 2-bit speed codes. The TSB41BA3F-EP correctly interprets both 7-bit bus requests (with 2-bit speed
code) and 8-bit bus requests (with 3-bit speed codes). Moreover, if a 7-bit bus request is immediately
followed by another request (for example, a register read or write request), then the TSB41BA3F-EP correctly
interprets both requests. Although the TSB41BA3F-EP correctly interprets 8-bit bus requests, a request with
a speed code exceeding S400 while in 1394a-2000 PHY-link interface mode results in the TSB41BA3F-EP
transmitting a null packet (data prefix followed by data end, with no data in the packet).
13.2.6 Power-Up Reset
To ensure proper operation of the TSB41BA3F-EP, the RESET terminal must be asserted low for a minimum of
2 ms from the time that PHY power reaches the minimum required supply voltage and the input clock to the PHY
is valid. When using a passive capacitor on the RESET terminal to generate a power-on-reset signal, the
minimum reset time is ensured if the value of the capacitor satisfies the following equation (the value must be no
smaller than approximately 0.1 μF):
Cmin = 0.0077 × T + 0.085 + (external_oscillator_start-up_time × 0.05)
Where Cmin is the minimum capacitance on the RESET terminal in μF, T is the VDD ramp time, 10%–90%, in ms,
external_oscillator_start-up_time is the time in ms from application of power to the external oscillator until the
oscillator outputs a valid clock. If a crystal is used rather than an oscillator, then the external_oscillator_start-
up_time can be set to 0.
For example with a 2-ms power ramp time and a 2-ms oscillator start-up time:
Cmin = 0.0077 × 2 + 0.085 + (2 × 0.05) = 0.2 μF
It is appropriate to select the nearest standard value capacitor that exceeds this value, for example 0.22 μF.
Or with a 2-ms power ramp time and a 49.152-MHz fundamental crystal:
Cmin = 0.0077 × 2 + 0.085 + (0 × 0.05) = 0.1 μF
13.2.7 Crystal Selection
The TSB41BA3F-EP and other Texas Instruments PHY devices are designed to use an external 49.152-MHz
crystal connected between the XI and XO terminals to provide the reference for an internal oscillator circuit. This
oscillator in turn drives a PLL circuit that generates the various clocks required for transmission and
resynchronization of data at the S100 through S400 media data rates.
A variation of less than ±100 ppm from nominal for the media data rates is required by IEEE Std 1394. Adjacent
PHYs can therefore have a difference of up to 200 ppm from each other in their internal clocks, and PHYs must
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com