Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 14Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 15Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 16Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 17Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 18Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 19Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 20Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 21Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Both the twisted pair A (TPA) and the twisted pair B (TPB) cable interfaces incorporate differential comparators
to monitor the line states during initialization and arbitration when connected to a 1394a-2000-compliant device.
The outputs of these comparators are used by the internal logic to determine the arbitration status. The TPA
channel monitors the incoming cable common-mode voltage. The value of this common-mode voltage is used
during 1394a-mode arbitration and sets the speed of the next packet transmission. In addition, the TPB channel
monitors the incoming cable common-mode voltage on the TPB pair for the presence of the remotely supplied
twisted pair bias (TPBIAS) voltage.
When connected to a 1394a-2000-compliant node, the TSB41BA3F-EP provides a 1.86-V nominal bias voltage
at the TPBIAS terminal for port termination. The PHY contains three independent TPBIAS circuits (one for each
port). This bias voltage, when seen through a cable by a remote receiver, indicates the presence of an active
connection. This bias voltage source must be stabilized by an external filter capacitor of 1 μF.
The line drivers in the TSB41BA3F-EP are designed to work with external 112-Ω termination resistor networks in
order to match the 110-Ω cable impedance. One termination network is required at each end of a twisted-pair
cable. Each network is composed of a pair of series-connected ~56-Ω resistors. The midpoint of the pair of
resistors that is connected to the TPA terminals is connected to its corresponding TPBIAS voltage terminal. The
midpoint of the pair of resistors that is directly connected to the TPB terminals is coupled to ground through a
parallel RC network with recommended values of 5 kΩ and 270 pF. The values of the external line-termination
resistors are designed to meet the standard specifications when connected in parallel with the internal receiver
circuits. A precision external resistor connected between the R0 and R1 terminals sets the driver output current,
along with other internal operating currents.
When the power supply of the TSB41BA3F-EP is off while the twisted-pair cables are connected, the
TSB41BA3F-EP transmitter and receiver circuitry present a high-impedance signal to the cable that does not
load the device at the other end of the cable.
When the TSB41BA3F-EP is used without one or more of the ports brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the preferred
method is for the port to be forced to the 1394a-only mode (data-strobe-only mode, DS), then the TPB+ and
TPB– terminals can be tied together and then pulled to ground; or the TPB+ and TPB– terminals can be
connected to the suggested normal termination network. The TPA+ and TPA– terminals of an unused port can
be left unconnected. The TPBIAS#_SD# terminal can be left unconnected.
If the port is left in bilingual (Bi) mode, then the TPB+ and TPB– terminals can be left unconnected or the TPB+
and TPB– terminals can be connected to the suggested normal termination network. The TPA+ and TPA–
terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal can be left unconnected.
If the port is left in a forced 1394b Beta-only (B1, B2, or B4) mode, then the TPB+ and TPB– terminals can be
left unconnected or the TPB+ and TPB– terminals can be connected to the suggested normal termination
network. The TPA+ and TPA– terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal
must be pulled to ground through a 1.2-kΩ or smaller resistor.
To operate a port as a 1394b bilingual port, the speed/mode selections terminals (S5_LKON, S4, S3, S2_PC0,
S1_PC1, and S0_PC2) need to be pulled to VCC or ground through a 1-kΩ resistor. The port must be operated in
the 1394b bilingual mode whenever a 1394b bilingual or a 1394b Beta-only connector is connected to the port.
To operate the port as a 1394a-only port, the speed/mode selection terminals must be configured correctly to
force 1394a-2000-only operation on that port. The only time the port must be forced to the data-strobe-only
mode is if the port is connected to a 1394a connector (either 6-pin, which is recommended, or 4-pin). This mode
is provided to ensure that 1394b signaling is never sent across a 1394a cable.
Note
A bilingual port can only connect to a 1394b-only port that operates at S400b. It cannot establish a
connection to a S200b or S100b port. A port that has been forced to S400b (B4) can connect to a
1394b-only port at S400b (B4) or S200b (B2) or S100b (B1). A port that has been forced to S200b can
connect to a 1394b-only port at S200b or S100b. A port that has been forced to S100b can only
connect to a 1394b-only port at S100b.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com