Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 55Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 56Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 57Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 58Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 59Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 60Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 61Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 62Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Outer Cable Shield
Chassis Ground
Figure 13-5. Non-DC-Isolated Outer Shield Termination
LPS
LPS
10 kΩ
Link Power
Square-Wave Input
10 kΩ
Figure 13-6. Nonisolated Connection Variations For LPS
LPS
13 kΩ
Square-Wave Signal
18 kΩ
PHY VDD
0.033 mF
PHY GND
Figure 13-7. Isolated Circuit Connection For LPS
13.2.5 Using The TSB41BA3F-EP With A 1394-1995 Or 1394a-2000 Link Layer
The TSB41BA3F-EP implements the PHY-LLC interface specified in the 1394b Supplement. This interface is
based on the interface described in Section 17 of IEEE 1394b-2002. When using an LLC that is compliant with
the IEEE 1394b-2002 interface, the BMODE input must be tied high.
The TSB41BA3F-EP also functions with an LLC that is compliant with the older 1394 standards. This interface is
compatible with both the older Annex J interface specified in the IEEE Std 1394-1995 (with the exception of the
Annex J isolation interfacing method) and the PHY-LLC interface specified in 1394a-2000. When using an LLC
that is not compliant with the IEEE 1394b-2002 interface, the BMODE input must be tied low.
When the BMODE input is tied low, the TSB41BA3F-EP implements the PHY-LLC interface specified in the
1394a-2000 Supplement. This interface is based on the interface described in informative Annex J of IEEE Std
1394-1995, which is the interface used in the oldest Texas Instruments PHY devices. The PHY-LLC interface
specified in 1394a-2000 is compatible with the older Annex J. However, the TSB41BA3F-EP does not support
the Annex J isolation interfacing method. When implementing the 1394a-2000 interface, certain signals are not
used:
• The PINT output (terminal 1) can be left open.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com