Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3FTPFPEP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3FTPFPEP
Description  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FTPFPEP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB41BA3FTPFPEP Datasheet HTML 29Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 30Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 31Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 32Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 33Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 34Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 35Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 36Page - Texas Instruments TSB41BA3FTPFPEP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
The PHY can initiate a status transfer either autonomously or in response to a register read request from the
LLC.
The PHY initiates a receive operation whenever a packet is received from the serial bus.
The PHY initiates a transmit operation after winning control of the serial bus following a bus request by the LLC.
The transmit operation is initiated when the PHY grants control of the interface to the LLC.
Table 12-1 and Table 12-2 show the encoding of the CTL0–CTL1 bus.
Table 12-1. CTL Encoding When PHY Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
No activity (this is the default mode)
0
1
Status
Status information is being sent from the PHY to the LLC.
1
0
Receive
An incoming packet is being sent from the PHY to the LLC.
1
1
Grant
The LLC has been given control of the bus to send an outgoing packet.
Table 12-2. CTL Encoding When LLC Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
0
1
Hold
The LLC is holding the bus while data is being prepared for transmission or indicating that another packet
is to be transmitted (concatenated) without arbitrating.
1
0
Transmit
An outgoing packet is being sent from the LLC to the PHY.
1
1
Reserved
None
12.1 LLC Service Request
To request access to the bus, to read or write a PHY register, or to control arbitration acceleration, the LLC
sends a serial bit stream on the LREQ terminal as shown in Figure 12-2.
Each cell represents one clock sample period, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 12-2. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 12-3.
Table 12-3. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7 or 8
Read register request
9
Write register request
17
Acceleration control request
6
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream, and a stop bit of 0 is
required at the end of the stream. The second through fourth bits of the request stream indicate the type of the
request. In the following descriptions, bit 0 is the most significant and is transmitted first in the request bit stream.
The LREQ terminal is normally low.
www.ti.com
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com