Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 53 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 49Page - STMicroelectronics VG6640 Datasheet HTML 50Page - STMicroelectronics VG6640 Datasheet HTML 51Page - STMicroelectronics VG6640 Datasheet HTML 52Page - STMicroelectronics VG6640 Datasheet HTML 53Page - STMicroelectronics VG6640 Datasheet HTML 54Page - STMicroelectronics VG6640 Datasheet HTML 55Page - STMicroelectronics VG6640 Datasheet HTML 56Page - STMicroelectronics VG6640 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
DocID023597 Rev 11
53/126
VG6640, VD6640
Control interface
125
0x22DD
Medium_CoupletDefCor
Weight
8UI
0x00
RW
Couplet defect correction in medium
pipe
0x22DE
Short_SingletDefCor
Weight
8UI
0x00
RW
Single defect correction in short pipe
0x22DF
Short_CoupletDefCor
Weight
8UI
0x00
RW
Couplet defect correction in short
pipe
Table 20. User interface set 1 PWL registers [0x22E0 to 0x23E0]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x22E0
ExponentBias
8UI
0x1B
RW
[7:5] - Reserved.
[4:0] - Piecewise linear compression
exponent bias
0x22E1 HI
Abscissa_0
32UR
0x00
RW
[31:22] - Reserved
[21:4] - 0th piecewise linear
compression abscissa
[3:0] - Reserved
0x22E2
0x00
0x22E3
0x00
0x22E4 LO
0x00
0x22E5 HI
Abscissa_1
32UR
0x00
RW
[31:22] - Reserved
[21:4] - 1st piecewise linear
compression abscissa
[3:0] - Reserved
0x22E6
0x00
0x22E7
0x08
0x22E8 LO
0x40
...
...
...
...
...
...
...
0x22E1
+ 4.n
HI
Abscissa_n
32UR
RW
[31:22] - Reserved
[21:4] - nth piecewise linear
compression abscissa
[3:0] - Reserved
0x22E2
+ 4.n
0x22E3
+ 4.n
0x22E4
+ 4.n
LO
...
...
...
...
...
...
...
0x235D HI
Abscissa_31
32UR
0x00
RW
[31:22] - Reserved
[21:4] - 31st piecewise linear
compression abscissa
[3:0] - Reserved
0x235E
0x00
0x235F
0xFF
0x2360 LO
0xF0
Table 19. User interface set 1 defect correction registers [0x22DA to 0x22DF] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com