Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 24Page - STMicroelectronics VG6640 Datasheet HTML 25Page - STMicroelectronics VG6640 Datasheet HTML 26Page - STMicroelectronics VG6640 Datasheet HTML 27Page - STMicroelectronics VG6640 Datasheet HTML 28Page - STMicroelectronics VG6640 Datasheet HTML 29Page - STMicroelectronics VG6640 Datasheet HTML 30Page - STMicroelectronics VG6640 Datasheet HTML 31Page - STMicroelectronics VG6640 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
Control interface
VG6640, VD6640
28/126
DocID023597 Rev 11
message is a master write to the slave. If the lsb is set (that is, 0x21) then the message is a
master read from the slave.
Figure 10. I2C device address
All serial interface communications with the sensor must begin with a start condition. The
sensor acknowledges the receipt of a valid address by driving the SDA wire low. The state
of the read/write bit (lsb of the address byte) is stored and the next byte of data, sampled
from SDA, can be interpreted. During a write sequence the second and third bytes received
provide a 16-bit index which points to one of the internal 8-bit registers.
Figure 11. Data format (write)
As data is received by the slave it is written bit by bit to a serial/parallel register. After each
data byte has been received by the slave, an acknowledge is generated, the data is then
stored in the internal register addressed by the current index.
During a read message, the contents of the register addressed by the current index is read
out in the byte following the device address byte. The contents of this register are parallel
loaded into the serial/parallel register and clocked out of the device by the falling edge of
SCL.
Figure 12. Data format (read)
At the end of each byte, in both read and write message sequences, an acknowledge is
issued by the receiving device (that is, the image sensor for a write and the baseband for a
read).
A message can only be terminated by the bus master, either by issuing a stop condition or
by a negative acknowledge (that is, not pulling the SDA line low) after reading a complete
byte during a read operation.
MSBit
LSBit
00
10
00
0
R/W
Camera acknowledges
Acknowledge from camera
S
Ac
ADDRESS[7:0]
Ac
INDEX[15:8]
INDEX[7:0]
Ac
DATA[7:0]
Ac P
0x20 (write)
Start
Stop
valid address
S
Ac
ADDRESS[7:0]
Ac
INDEX[15:8]
INDEX[7:0]
Ac P
0x20 (write)
S
Ac
ADDRESS[7:0]
Am
DATA[7:0]
P
0x37 (read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com