Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 97 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 93Page - STMicroelectronics VG6640 Datasheet HTML 94Page - STMicroelectronics VG6640 Datasheet HTML 95Page - STMicroelectronics VG6640 Datasheet HTML 96Page - STMicroelectronics VG6640 Datasheet HTML 97Page - STMicroelectronics VG6640 Datasheet HTML 98Page - STMicroelectronics VG6640 Datasheet HTML 99Page - STMicroelectronics VG6640 Datasheet HTML 100Page - STMicroelectronics VG6640 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
DocID023597 Rev 11
97/126
VG6640, VD6640
Electro-optical characteristics
125
10
Electro-optical characteristics
Note:
The same parameter classification as described in Chapter 9.1: Parameter classification is
used to classify the electro-optical characteristics.
10.1
Array characteristics
Table 59. Electro-optical characteristics
Characteristic
C
Value
Pixel sensitivity (without colour filter)
D
>=32V/lxsec @3200K
Minimum illumination on pixel (no color filter, 30ms integration
time, 5000K color temperature)
T
1.0 mlux @ SNR 1
Dynamic range (linear mode)
T
72 dB
Dynamic range (in scene)
T
132 dB
Peak signal to noise ratio (on pixel, Low CG)
T
42 dB @ 12 lux
Peak quantum efficiency
T
>=60% @ 520 nm
NIR cut-off wavelength(1)
1. NIR cut-off data is only valid for parts that do not have AR (anti-reflective) coating. By default all parts
delivered will have an AR coating on the cover glass. For samples without AR coating please contact your
local STMicroelectronics sales representative.
T
>=10% QE @ <900 nm
Fixed pattern noise (FPN)
T
<0.01% @ 20°C
Temporal read noise
T
<0.025% @ full swing
Image lag (10Ke signal)
T
<0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com