Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 75 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics VG6640 Datasheet HTML 74Page - STMicroelectronics VG6640 Datasheet HTML 75Page - STMicroelectronics VG6640 Datasheet HTML 76Page - STMicroelectronics VG6640 Datasheet HTML 77Page - STMicroelectronics VG6640 Datasheet HTML 78Page - STMicroelectronics VG6640 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 126 page
background image
DocID023597 Rev 11
75/126
VG6640, VD6640
Video timing
125
Figure 21. Clock settings
The equations relating the input clock frequency to pixel clock frequencies are:
NOTE:
a)
OP_Pix_Clk_Div must be kept at 8 for correct operation of CSI-2 interface.
b)
The user must write the frequency of clock applied to the EXTCLK_XTAL1 input to
the register 0x0310, ExtClk_Frequency_MHz.
6.3.1
Spread spectrum
The PLL contains a spread spectrum clock generator (SSCG) block for the purposes of EMI
reduction. This feature is off by default and is intended for use if RF channel blocking
becomes an issue on the host system. The modulation period and depth are fully
programmable. The spread mode is selectable between center spread (default) or down
spread. The SSCG registers must only be reprogrammed with new values when the sensor
is in standby mode.
VT_PixelClock_MHz
ExtClk_Xtal1_MHz
PLL_Multiplier
×
Pre_PLL_Clk_Div
2
VT_Sys_Clk_Div
VT_Pix_Clk_Div
×
×
×
------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
OpClock_MHz
ExtClk_Xtal1_MHz
PLL_Multiplier
×
Pre_PLL_Clk_Div
2
O
× P_Sys_Clk_Div OP_Pix_Clk_Div
×
×
--------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com