Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 73 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 69Page - STMicroelectronics VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics VG6640 Datasheet HTML 74Page - STMicroelectronics VG6640 Datasheet HTML 75Page - STMicroelectronics VG6640 Datasheet HTML 76Page - STMicroelectronics VG6640 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
DocID023597 Rev 11
73/126
VG6640, VD6640
Video timing
125
The host must ensure that the following frame timings are respected:
frame_length_lines limits = (264 + 12datalines + 31minimum blanking) min, 65536 max.
line_length_pck limits = 1438 min, 65536 max.
x_start_addr limits = 0 min, 1039 (1303 - 264) max,
y_start_addr limits = 0 min, 715 (979 - 264) max.
x_op_size limits = 264min, 1304 max.
y_op_size limits = 264min, 980 max.
6.2
Sub-sampled readout mode
Subsampling may be enabled by programming the x_odd_inc, y_odd_inc, x_even_inc and
y_even_inc registers.
If the pixel being readout has an even address then the address is incremented by the even
increment value, either x_even_inc or y_even_inc. If the pixel being readout has an odd
address then the address is incremented by the odd increment value, either x_odd_inc or
y_odd_inc.
Subsampling acts upon the addressed region of the array which is determined by the
x_addr_start, y_addr_start, x_addr_end and y_addr_end registers.
The host must ensure that the following limits are respected:
x_odd_inc limits = 1 min, 15 max
x_even_inc limits = 1 min, 15 max
y_odd_inc limits = 1 min, 15 max, only odd values (1,3,5, etc) supported
y_even_in limits = 1 min, 15 max, only odd values (1,3,5, etc) supported
The subsampling factor may be calculated as follows:
Table 33. Typical subsampling settings
Subsampling
x_odd_inc
y_odd_inc
x_even_inc
y_even_inc
Disabled
11
11
Bayer 2 x 2
3
3
1
1
Bayer 2 x 4
3
7
1
1
Bayer 4 x 4
7
7
1
1
sub_sampling_factor
even_inc odd_inc
+
2
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com