Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 27 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 23Page - STMicroelectronics VG6640 Datasheet HTML 24Page - STMicroelectronics VG6640 Datasheet HTML 25Page - STMicroelectronics VG6640 Datasheet HTML 26Page - STMicroelectronics VG6640 Datasheet HTML 27Page - STMicroelectronics VG6640 Datasheet HTML 28Page - STMicroelectronics VG6640 Datasheet HTML 29Page - STMicroelectronics VG6640 Datasheet HTML 30Page - STMicroelectronics VG6640 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
DocID023597 Rev 11
27/126
VG6640, VD6640
Control interface
125
4
Control interface
Control and status data is transferred to and from the image sensor using the control
interface. The internal registers in the image sensor can be configured or read back by a
companion device containing an I2C master (SDA, SCL). Commands are in the format
specified by the control interface in the MIPI CSI-2 specification (16-bit index followed by 8-
bit data).
The control interface is an I2C-type interface with two signals: serial data line (SDA) and
serial clock line (SCL). Each device connected to the bus uses a unique address and a
simple master/slave relationships exists.
Note:
Technically, the control interface serial bus is a protocol and subset of the I2C standard. For
brevity, this datasheet will refer to the control interface as I2C.
By default the image sensor operates in I2C Fast mode (up to 400kHz). For operation in
Fast+ mode (up to 1MHz), this must be enabled by setting the relevant register.
Note:
Operation in Fast+ mode requires a change in value of pull-up resistor to ensure fast
enough rise time of the signals (see Section 11.5: I2C pull-up resistors).
Both SDA and SCL lines are connected to a positive supply voltage using pull-up resistors
located externally or on the companion device. Lines are only actively driven low. A high
condition occurs when lines are floating and the pull-up resistors pull lines up. When no data
is transmitted both lines are high. SeeChapter 9: Electrical characteristics on page 87 for
electrical and timing information.
Clock signal (SCL) generation is performed by the master device. The master device
initiates data transfer. The I2C bus on the image sensor uses a default device address of
0x20. This slave address is held in register 0x41A8 as detailed in the register map.
Figure 9. Data transfer protocol
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit, Ac for
camera acknowledge and Am for master acknowledge. The internal data is produced by
sampling SDA at a rising edge of SCL. The external data must be stable during the high
period of SCL. The exceptions to this are start (S) or stop (P) conditions when SDA falls or
rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition and followed by either a
stop or repeated start (another start condition but without a preceding stop condition)
followed by another message. The first byte contains the device address (0x20 by default)
and also specifies the data direction. If the least significant bit (lsb) is low (that is, 0x20) the
12
7
8
Ac/Am
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com