Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 69 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 65Page - STMicroelectronics VG6640 Datasheet HTML 66Page - STMicroelectronics VG6640 Datasheet HTML 67Page - STMicroelectronics VG6640 Datasheet HTML 68Page - STMicroelectronics VG6640 Datasheet HTML 69Page - STMicroelectronics VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
DocID023597 Rev 11
69/126
VG6640, VD6640
Video data interface
125
Data synchronization methods
External capture systems may synchronize with the data output using ITU-R BT.601
compatible hardware synchronization signals, consisting of horizontal sync (HSYNC) and
vertical sync (VSYNC).
The synchronization signals can be configured to meet the needs of the companion device.
Pixel clock (PIX-CLK)
The pixel clock is programmable such that data may be clocked on the rising or falling edge
of the pixel clock.
5.2.2
Frame format - hardware synchronization
The image sensor provides two programmable hardware synchronization signals: VSYNC
and HSYNC. The position of these signals within the image frame is automatically set so
that the signals track the active video portion of the output frame regardless of its size.
Figure 17. Hardware synchronization frame structure
1
0
VSYNC
Visible pixel data
Header embedded data lines
Inter-frame blanking
(active lines)
Inter-
line
blanking
time
(shown
vertically)
time
HSYNC signal
0
1
signal
Note: The polarity of HSYNC and/or VSYNC may be reversed
Trailer embedded data lines
ASIL data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com