Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 15Page - STMicroelectronics VG6640 Datasheet HTML 16Page - STMicroelectronics VG6640 Datasheet HTML 17Page - STMicroelectronics VG6640 Datasheet HTML 18Page - STMicroelectronics VG6640 Datasheet HTML 19Page - STMicroelectronics VG6640 Datasheet HTML 20Page - STMicroelectronics VG6640 Datasheet HTML 21Page - STMicroelectronics VG6640 Datasheet HTML 22Page - STMicroelectronics VG6640 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
DocID023597 Rev 11
19/126
VG6640, VD6640
Functional description
125
3
Functional description
Figure 4. Block diagram
The image sensor includes the following main functional blocks:
Master controller
Responsible for system operation and sequencing with the following features:
microcontroller core
clock and reset management
–I2C control interface and control transaction routing
safe system startup from reset to standby
system transition from standby to streaming mode
system streaming soft stop
device re-initialization to default mode (software reset)
high dynamic mode setting (management of the integration time settings).
non-volatile memory (NVM) management
Custom analog block (CAB)
Contains the pixel array and the analog components to drive it.
Video timing block
Generates digital video timing signals for the CAB with synchronization to an
optional external sync signal.
Image sensor
Custom analog block
1304 x 980
Clock &
PLL
NVM
Video timing
Temp.
sensors
HDR
video pipe
Master
controller
Companion
External sync.
device
HDR pixels
(CAB)
External clock
Charge
pumps
1V2
reg.
MIPI
CSI-2 &
parallel
I/O
I2C
Power supply
Companion
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com